Electronic Components Datasheet Search
  English  ▼

X  

PQ30RV2 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ30RV2
Description  Variable Output Low Power-Loss Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ30RV2 Datasheet(HTML) 1 Page - Sharp Corporation

  PQ30RV2 Datasheet HTML 1Page - Sharp Corporation PQ30RV2 Datasheet HTML 2Page - Sharp Corporation PQ30RV2 Datasheet HTML 3Page - Sharp Corporation PQ30RV2 Datasheet HTML 4Page - Sharp Corporation PQ30RV2 Datasheet HTML 5Page - Sharp Corporation PQ30RV2 Datasheet HTML 6Page - Sharp Corporation PQ30RV2 Datasheet HTML 7Page - Sharp Corporation PQ30RV2 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
“ In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
Low Power-Loss Voltage Regulators
PQ30RV1/PQ30RV11/PQ30RV2/PQ30RV21
s Features
¡Compact resin full-mold package
¡Low power-loss (Dropout voltage : MAX.0.5V)
¡Variable output voltage (setting range : 1.5 to 30V)
¡Built-in output ON/OFF control function
s Outline Dimensions
(Unit : mm)
PQ30RV1/PQ30RV11/PQ30RV2/PQ30RV21
Variable Output Low Power-Loss Voltage Regulators
2
3
1
4
PQ30RV31
1 DC input (VIN)
2 DC output (VO)
3 GND
4 Output voltage
minute
adjustment
terminal (VADJ)
Internal connection diagram
Specific IC
10.2MAX
φ3.2±0.1
+0.3
-0
4-1.4
+0.2
-0.1
4-0.6
3-(2.54)
4.5±0.2
2.8±0.2
(1.5)
(0.5)
q
1
q
2
q
3
q
4
1
2
4
-
+
3
Reference
voltage
generation
circuit
*ASO
protection
circuit
Overheat
protection
circuit
*ASO:Area of Safety
Operation
· Please refer to the chapter“ Handling Precautions ”.
s Equivalent Circuit Diagram
Output voltage
PQ30RV1
PQ30RV11
Reference voltage
precision : ±4%
Reference voltage
precision : ±2%
s Model Line-ups
1A output
PQ30RV2
PQ30RV21
2A output
s Applications
¡Power supply for print concentration control of electronic
typewriters with display
¡Series power supply for motor drives
¡Series power supply for VCRs and TVs


Similar Part No. - PQ30RV2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ30RV2 SHARP-PQ30RV2 Datasheet
93Kb / 9P
Low Power-Loss Voltage Regulators
PQ30RV21 SHARP-PQ30RV21 Datasheet
93Kb / 9P
Low Power-Loss Voltage Regulators
More results

Similar Description - PQ30RV2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ30RV31 SHARP-PQ30RV31 Datasheet
34Kb / 4P
Variable Output Low Power-Loss Voltage Regulator
PQ7DV5 SHARP-PQ7DV5 Datasheet
34Kb / 4P
Variable Output Type, High Output Current (5A) Type Low Power-loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ7DV5 SHARP-PQ7DV5_01 Datasheet
57Kb / 5P
Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
Variable Output Low Power-Loss Voltage Regulator
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com