Electronic Components Datasheet Search
  English  ▼

X  

PQ30RV2 Datasheet(PDF) 7 Page - Sharp Corporation

Part # PQ30RV2
Description  Variable Output Low Power-Loss Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ30RV2 Datasheet(HTML) 7 Page - Sharp Corporation

  PQ30RV2 Datasheet HTML 1Page - Sharp Corporation PQ30RV2 Datasheet HTML 2Page - Sharp Corporation PQ30RV2 Datasheet HTML 3Page - Sharp Corporation PQ30RV2 Datasheet HTML 4Page - Sharp Corporation PQ30RV2 Datasheet HTML 5Page - Sharp Corporation PQ30RV2 Datasheet HTML 6Page - Sharp Corporation PQ30RV2 Datasheet HTML 7Page - Sharp Corporation PQ30RV2 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Low Power-Loss Voltage Regulators
PQ30RV1/PQ30RV11/PQ30RV2/PQ30RV21
¡ON/OFF operation is available by mounting externally D2 and R3.
¡When VADJ is forcibly raised above Vref (1.25V TYP) by applying the external signal, the output is turned off (pass transistor of
regulator is turned off). When the output is OFF, VADJ must be higher then Vref MAX., and at the same time must be lower than
maximum rating 7V.
In OFF-state, the load current flows to RL from VADJ through R2. Therefore the value of R2 must be as high as possible.
¡VO'=VADJ X RL/(RL+R2)
occurs at the load. OFF-state equivalent circuit R1 up to 10
Ω is allowed. Select as high value of RL and R2 as possible in this range.
In some case, as output voltage is getting lower (VO<1V) , impedance of load resistance rises. In such condition, it is sometime
impossible to obtain the minimum value of VO'. So add the dummy resistance indicated by RD in the figure to the circuit parallel to
the load.
s ON/OFF Operation
VC
High : Output OFF
Low : Output ON
q
2
q
3
q
1
q
4
D2
R3
R1
R2
CO
+
VO
RL
VADJ
D1
CIN
VIN
R1
Equivalent Circuit
in OFF-state
R2
RL
D2
VO’
VADJ
RD
s An Example of ON/OFF Circuit Using the 1-chip Microcomputer Output Port (PQ30RV1)
<Specification>
Output port of microcomputer
VOH (max) =0.5 V
VOH (min) =2.4 V (IOH=0.2mA)
MAX. rating of IOH=0.5mA
Output should be set as follows.
15.6V RL=52
Ω (IO=0.3A)
From VO=1.25V (1+R2/R1) we get VO=15.6V.
R2/R1=11.48
Assuming that VF(max)=0.8V for D2 in case of VOH(min)=2.4V, we get VADJ=VOH(min)-VF(max)=2.4V-0.8V=1.6V. From
Vref(max)=1.3V we get R3=0
Ω
If R1=10k
Ω, we get R2=11.48 X R1=114.8kΩ and IOH as follows, ingnoring RL (52 Ω) :
IOH=1.6V X (R1+R2) /R1 X R2
=1.6V X (10k
Ω+114.8k Ω) /10k Ω X 114.8k Ω=0.17mA
Hence, IOH<0.2mA. Therefore VOH(min)is ensured.
Next, assuming that VF(min) =0.5V for D2 in case of VOH(max), we get:
IOH=(5V-0.5V) (R1+R2) /R1 X R2=0.49mA which is less than the rating.
Figure 1 shows the VO-VC characteristics when R1=10k
Ω, R2=115kΩ, R3=0Ω, VIN=17V, RL=52Ω, and D1=1S2076A (Hitachi).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com