Electronic Components Datasheet Search
  English  ▼

X  

MAX6681 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6681
Description  ±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6681 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6681 Datasheet HTML 3Page - Maxim Integrated Products MAX6681 Datasheet HTML 4Page - Maxim Integrated Products MAX6681 Datasheet HTML 5Page - Maxim Integrated Products MAX6681 Datasheet HTML 6Page - Maxim Integrated Products MAX6681 Datasheet HTML 7Page - Maxim Integrated Products MAX6681 Datasheet HTML 8Page - Maxim Integrated Products MAX6681 Datasheet HTML 9Page - Maxim Integrated Products MAX6681 Datasheet HTML 10Page - Maxim Integrated Products MAX6681 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
age and computes the temperature based on this volt-
age. If the remote channel is not used, connect DXP to
DXN. Do not leave DXP and DXN unconnected.
When a conversion is initiated, both channels are con-
verted whether or not they are used. The DXN input is
biased at one VBE above ground by an internal diode
to set up the ADC inputs for a differential measurement.
Resistance in series with the remote diode causes
about 1/2°C error per ohm.
A/D Conversion Sequence
A conversion sequence consists of a local temperature
measurement and a remote temperature measurement.
Each time a conversion begins, whether initiated auto-
matically in the free-running autoconvert mode
(RUN/STOP = 0) or by writing a One-Shot command,
both channels are converted, and the results of both
measurements are available after the end of conver-
sion. A BUSY status bit in the Status register shows that
the device is actually performing a new conversion. The
results of the previous conversion sequence are still
available when the ADC is busy.
Remote-Diode Selection
The MAX6680/MAX6681 can directly measure the die
temperature of CPUs and other ICs that have on-board
temperature-sensing diodes (see the Typical Operating
Circuit) or they can measure the temperature of a dis-
crete diode-connected transistor. The type of remote
diode used is set by bit 5 of the Configuration Byte. If
bit 5 is set to zero, the remote sensor is a diode-con-
nected transistor, and if bit 5 is set to 1, the remote sen-
sor is a substrate or common-collector PNP transistor.
For best accuracy, the discrete transistor should be a
small-signal device with its collector and base connect-
ed together. Accuracy has been experimentally verified
for all of the devices listed in Table 1.
The transistor must be a small-signal type with a rela-
tively high forward voltage; otherwise, the A/D input
voltage range can be violated. The forward voltage at
the highest expected temperature must be greater than
0.25V at 10µA, and at the lowest expected tempera-
ture, forward voltage must be less than 0.95V at 100µA.
Large power transistors must not be used. Also, ensure
that the base resistance is less than 100Ω. Tight speci-
fications for forward-current gain (50 < ß < 150, for
example) indicate that the manufacturer has good
process controls and that the devices have consistent
VBE characteristics.
Thermal Mass and Self-Heating
When sensing local temperature, these temperature
sensors are intended to measure the temperature of the
PC board to which they are soldered. The leads pro-
vide a good thermal path between the PC board traces
and the die. Thermal conductivity between the die and
the ambient air is poor by comparison, making air-tem-
perature measurements impractical. Because the ther-
mal mass of the PC board is far greater than that of the
MAX6680/MAX6681, the device follows temperature
changes on the PC board with little or no perceivable
delay.
When measuring the temperature of a CPU or other IC
with an on-chip sense junction, thermal mass has virtu-
ally no effect; the measured temperature of the junction
tracks the actual temperature within a conversion cycle.
When measuring temperature with discrete remote sen-
sors, smaller packages (e.g., a SOT23) yield the best
thermal response times. Take care to account for ther-
mal gradients between the heat source and the sensor,
and ensure that stray air currents across the sensor
package do not interfere with measurement accuracy.
Self-heating does not significantly affect measurement
accuracy. Remote-sensor self-heating due to the diode
current source is negligible. For the local diode, the
worst-case error occurs when autoconverting at the
fastest rate and simultaneously sinking maximum cur-
rent at the
ALERT output. For example, with VCC =
5.0V, an 8Hz conversion rate, and
ALERT sinking 1mA,
the typical power dissipation is VCC ✕ 550µA + 0.4V ✕
1mA, which equals 2.75mW; θJ-A for the 16-pin QSOP
package is about +120°C/W, so assuming no copper
PC board heat sinking, the resulting temperature rise is:
Even under these engineered circumstances, it is diffi-
cult to introduce significant self-heating errors.
ADC Noise Filtering
The integrating ADC used has good noise rejection for
low-frequency signals such as 60Hz/120Hz power-sup-
∆TmW
C W
C
=×
°
=
°
2 75
120
0 330
./
.
±1°C Fail-Safe Remote/Local Temperature
Sensors with SMBus Interface
_______________________________________________________________________________________
7
MANUFACTURER
MODEL NO.
Central Semiconductor (USA)
CMPT3904
On Semiconductor (USA)
2N3904, 2N3906
Rohm Semiconductor (USA)
SST3904
Samsung (Korea)
KST3904-TF
Siemens (Germany)
SMBT3904
Zetex (England)
FMMT3904CT-ND
Table 1. Remote-Sensor Transistor
Manufacturers
Note: Transistors must be diode connected (base shorted to
collector).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com