Electronic Components Datasheet Search
  English  ▼

X  

MAX6681 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6681
Description  ±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6681 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6681 Datasheet HTML 1Page - Maxim Integrated Products MAX6681 Datasheet HTML 2Page - Maxim Integrated Products MAX6681 Datasheet HTML 3Page - Maxim Integrated Products MAX6681 Datasheet HTML 4Page - Maxim Integrated Products MAX6681 Datasheet HTML 5Page - Maxim Integrated Products MAX6681 Datasheet HTML 6Page - Maxim Integrated Products MAX6681 Datasheet HTML 7Page - Maxim Integrated Products MAX6681 Datasheet HTML 8Page - Maxim Integrated Products MAX6681 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX6680/MAX6681 are precise, two-channel digi-
tal thermometers. Each accurately measures the tem-
perature of its own die and one remote PN junction and
reports the temperature on a 2-wire serial interface. The
remote junction can be a diode-connected transistor
like the low-cost NPN type 2N3904 or PNP type
2N3906. The remote junction can also be a common-
collector PNP, such as a substrate PNP of a micro-
processor.
The MAX6680/MAX6681 include pin-programmable
default temperature thresholds for the
OVERT output,
which provides fail-safe clock throttling or system shut-
down. In addition, the devices are pin programmable to
select whether the
OVERT output responds to either the
local, remote, or both temperatures.
The 2-wire serial interface accepts standard System
Management Bus (SMBus)™ commands such as Write
Byte, Read Byte, Send Byte, and Receive Byte to read
the temperature data and program the alarm thresholds
and conversion rate. The MAX6680/MAX6681 can func-
tion autonomously with a programmable conversion
rate, which allows the control of supply current and
temperature update rate to match system needs. For
conversion rates of 4Hz or less, the remote sensor tem-
perature can be represented in extended mode as 10
bits + sign with a resolution of 0.125°C. When the con-
version rate is 8Hz, output data is 7 bits + sign with a
resolution of 1°C. The MAX6680/MAX6681 also include
an SMBus timeout feature to enhance system reliability.
The MAX6681 is an upgrade to the MAX6654. The
MAX6680/MAX6681 remote accuracy is ±1°C with no
calibration needed. They are available in a 16-pin
QSOP package and operate throughout the -55°C to
+125°C temperature range.
Applications
Features
♦ Two Alarm Outputs: ALERT and OVERT
♦ Pin-Programmable Threshold for OVERT Limit
♦ Programmable Under/Overtemperature ALERT
Limit
♦ Dual Channel: Measures Remote and Local
Temperature
♦ 11-Bit, 0.125°C Resolution for Remote Temperature
Measurements
♦ High Accuracy ±1°C (max) from +60°C to +100°C
(Remote)
♦ No Calibration Required
♦ SMBus/I2C™-Compatible Interface
♦ SMBus Timeout Prevents SMBus Lockup
±1°C Fail-Safe Remote/Local Temperature
Sensors with SMBus Interface
________________________________________________________________ Maxim Integrated Products
1
CLOCK
DATA
TO SYSTEM
SHUTDOWN
STBY
CRIT1
CRIT0
GND
OVERT
SMBCLK
RESET
SMBDATA
VCC
INTERRUPT
TO µP
0.1µF
2200pF
DXN
MICROPROCESSOR
DXP
200Ω
10kΩ
EACH
ALERT
3.3V
INT_SEL
SENS_SEL
ADD1
ADD0
MAX6680
MAX6681
Typical Operating Circuit
Ordering Information
19-2305; Rev 1; 1/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX6680MEE
-55
°C to +125°C
16 QSOP
MAX6681MEE
-55
°C to +125°C
16 QSOP
SMBus is a trademark of Intel Corp.
I2C is a trademark of Philips Corp.
Pin Configurations appear at end of data sheet.
Desktop Computers
Notebook
Computers
Servers
Thin Clients
Workstations


Similar Part No. - MAX6681

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6681 MAXIM-MAX6681 Datasheet
194Kb / 17P
Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
MAX6681MEE MAXIM-MAX6681MEE Datasheet
194Kb / 17P
Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
More results

Similar Description - MAX6681

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THMC10 TI-THMC10 Datasheet
269Kb / 20P
REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com