Electronic Components Datasheet Search
  English  ▼

X  

MAX6681 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6681
Description  ±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6681 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6681 Datasheet HTML 1Page - Maxim Integrated Products MAX6681 Datasheet HTML 2Page - Maxim Integrated Products MAX6681 Datasheet HTML 3Page - Maxim Integrated Products MAX6681 Datasheet HTML 4Page - Maxim Integrated Products MAX6681 Datasheet HTML 5Page - Maxim Integrated Products MAX6681 Datasheet HTML 6Page - Maxim Integrated Products MAX6681 Datasheet HTML 7Page - Maxim Integrated Products MAX6681 Datasheet HTML 8Page - Maxim Integrated Products MAX6681 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
±1°C Fail-Safe Remote/Local Temperature
Sensors with SMBus Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Typical Operating Circuit, VCC = 3.0V to 5.5V, TA = -25°C to +125°C, unless otherwise specified. Typical values are at VCC
= 3.3V and TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ...........................................................................-0.3V to +6V
DXP.............................................................-0.3V to (VCC + 0.3V)
DXN ......................................................................-0.3V to +0.8V
SMBCLK, SMBDATA,
ALERT, OVERT .....................-0.3V to +6V
RESET, INT_SEL,
STBY, ADD0, ADD1.....................-0.3V to +6V
CRIT1, CRIT0, SENS_SEL ........................................-0.3V to +6V
SMBDATA,
ALERT, OVERT, Current ..................-1mA to +50mA
DXN Current ......................................................................±1mA
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C) ..........664mW
Junction Temperature .....................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
1°C
Temperature Resolution,
Legacy Mode
8
Bits
0.125
°C
Temperature Resolution,
Extended Mode
11
Bits
TRJ = +60°C to +100°C, VCC = 3.3V
-1.0
+1.0
TRJ = +50°C to +120°C, VCC = 3.3V
-2.0
+2.0
Remote Temperature Error (Note 1)
TRJ = -55°C to +125°C, VCC = 3.3V
-3.0
+3.0
°C
TA = +60°C to +100°C, VCC = 3.3V
-1.5
+1.5
TA = 0°C to +125°C, VCC = 3.3V
-3.0
+3.0
Local Temperature Error
TA = -55°C to +125°C, VCC = 3.3V (Note 2)
-5.0
+5.0
°C
Line Regulation
3.0V
≤ VCC ≤ 5.5V
0.2
0.6
m
°C/V
Supply Voltage Range
VCC
3.0
5.5
V
Undervoltage Lockout Threshold
UVLO
Falling edge of VCC disables ADC
2.60
2.80
2.95
V
Undervoltage Lockout Hysteresis
90
mV
Power-On Reset (POR)
Threshold
VCC, falling edge
1.5
2.0
2.5
V
POR Threshold Hysteresis
90
mV
Legacy
62.5
Conversion Time
Extended
125
ms
Standby Supply Current
SMBus static
3
10
µA
Operating Current
During conversion
0.55
1.0
mA
0.25 conversions/s
35
70
Average Operating Current
(Note 3)
2 conversions/s
120
180
µA
DXP and DXN Leakage Current
In standby mode
2
µA
High level
80
100
120
Remote-Diode Source Current
IRJ
Low level
8
10
12
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com