Electronic Components Datasheet Search
  English  ▼

X  

MAX6681 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6681
Description  ±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6681 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6681 Datasheet HTML 1Page - Maxim Integrated Products MAX6681 Datasheet HTML 2Page - Maxim Integrated Products MAX6681 Datasheet HTML 3Page - Maxim Integrated Products MAX6681 Datasheet HTML 4Page - Maxim Integrated Products MAX6681 Datasheet HTML 5Page - Maxim Integrated Products MAX6681 Datasheet HTML 6Page - Maxim Integrated Products MAX6681 Datasheet HTML 7Page - Maxim Integrated Products MAX6681 Datasheet HTML 8Page - Maxim Integrated Products MAX6681 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
±1°C Fail-Safe Remote/Local Temperature
Sensors with SMBus Interface
_______________________________________________________________________________________
5
Pin Description
PIN
MAX6680
MAX6681
NAME
FUNCTION
12
VCC
Supply Voltage Input, 3V to 5.5V. Bypass VCC to GND with a 0.1µF capacitor.
A 200
Ω series resistor is recommended, but not required for additional noise
filtering. See the Typical Operating Circuit.
2, 5
1, 5
CRIT1,
CRIT0
Hardware-Programmable Default Alarm Threshold for
OVERT Limits. Use Table
4 to set default temperatures.
3
3
DXP
Combined Remote-Diode Current Source and A/D Positive Input for Remote-
Diode Channel. DO NOT LEAVE DXP FLOATING; connect DXP to DXN if no
remote diode is used. Place a 2200pF capacitor between DXP and DXN for
noise filtering.
44
DXN
Combined Remote-Diode Current Sink and A/D Negative Input. DXN is
internally biased to one diode drop above ground.
6
6
ADD1
SMBus Address Select Pin (Table 9). ADD0 and ADD1 are sampled upon
power-up. Excess capacitance (>50pF) at the address pins when floating may
cause address-recognition problems.
7
7
RESET
Reset Input. Drive RESET high to set all registers to their default values (POR
state). Drive RESET low or leave floating for normal operation.
8
8
GND
Ground
99
OVERT
Overtemperature Active-Low Output. Open drain.
10
10
ADD0
SMBus Slave Address Select Pin (see ADD1).
11
11
ALERT
SMBus Alert (Interrupt) Active-Low Output. Open drain.
12
12
SMBDATA
SMBus Serial-Data Input/Output, Open Drain
13
13
INT_SEL
Input. Connect high or leave floating to conform to the standard SMBus
ALERT
protocol. See the
ALERT Interrupts section. Connect to GND to invoke
comparator mode, where
ALERT is asserted whenever any of the temperature
conditions is violated by the remote sensor. In this mode,
ALERT can only be
deasserted by the condition returning within the temperature limits by enabling
the mask bit in the Configuration register.
14
14
SMBCLK
SMBus Serial-Clock Input
15
15
STBY
Input. Hardware Standby. Connect to ground to place in device in standby.
Supply current drops below 10µA and all registers’ data are maintained.
Input. Selects which temperature sensor (local, remote, or both) activates
OVERT.
16
16
SENS_SEL
High = Remote, Low = Local, Open = Local and Remote



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com