Electronic Components Datasheet Search
  English  ▼

X  

MAXQ2000 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXQ2000
Description  Evaluation Kit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXQ2000 Datasheet HTML 1Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 2Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 3Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 4Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 5Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 6Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 7Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 8Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAXQ2000 evaluation kit (EV kit) is a proven plat-
form to conveniently evaluate the capabilities of the
MAXQ2000 low-power LCD microcontroller. The kit con-
tains the MAXQ2000 with pins brought out to headers, a
JTAG programming interface, fixed and adjustable
power supplies, a DB-9 serial connector, an LCD dis-
play, and switches and LEDs to control and display
board operation. With the included software, serial-to-
JTAG interface board, and an RS-232 cable connected
to a personal computer, the kit provides a completely
functional system ideal for evaluating the capabilities of
the MAXQ2000.
Evaluation Kit Contents
♦ MAXQ2000 Evaluation Kit Board with Processor
and 13.5MHz Crystal Installed
♦ Serial-to-JTAG Interface Board and JTAG Cable
♦ MAXQ2000 LCD Display Daughterboard
♦ MAXQ2000 Evaluation Kit CD-ROM
Features
♦ Easily Loads Code Using Bootstrap Loader and
Serial-to-JTAG Interface Board
♦ JTAG Interface Provides In-Application
Debugging Features
Step-by-Step Execution Tracing
Breakpointing by Code Address, Data Memory
Address, or Register Access
Data Memory View and Edit
♦ Removable, Static, 4-1/2 Digit LCD Display
♦ DB-9 RS-232 Serial Connector and Level
Translator
♦ On-Board 3.6V, 2.5V and Adjustable 1.8V to 3.6V
Power-Supply Regulators
♦ Evaluation Kit Board can be Powered Directly
over JTAG Interface
♦ Processor Clock can be run from Crystal or
Programmable Oscillator
♦ Serial EEPROM
♦ DS2433 1-Wire® EEPROM Demonstrates Use of
1-Wire Interface
♦ MAX1407 ADC/DAC Demonstrates Use of SPI™
Interface
♦ Optional LED Display of Port 0 Logic Levels
♦ Pushbutton Switches for Reset and Interrupt
Generation
♦ 32kHz Crystal for Real-Time Clock Oscillator Use
♦ Prototyping Area Including VDDIO and VDD Voltage
Rails
♦ Test/Expansion Header Includes All Device GPIO
and LCD Pins
♦ Configuration DIP Switches Connect/Disconnect
All Demonstration Circuitry from Port Pins
♦ Board Schematics Provide a Convenient
Reference Design
MAXQ2000 Evaluation Kit
______________________________________________
Maxim Integrated Products
1
Rev 2; 7/05
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
MAXQ is a registered trademark of Maxim Integrated Products, Inc.
1-Wire is a registered trademark of Dallas Semiconductor Corp.
SPI is a trademark of Motorola, Inc.
Ordering Information
PART
DESCRIPTION
MAXQ2000-KIT
MAXQ2000 EV Kit Board


Similar Part No. - MAXQ2000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000 Datasheet
1Mb / 39P
Low-Power LCD Microcontroller
Rev 2; 12/04
MAXQ2000 MAXIM-MAXQ2000 Datasheet
496Kb / 39P
Low-Power LCD Microcontroller
Rev 10; 7/08
MAXQ2000-RAX MAXIM-MAXQ2000-RAX Datasheet
1Mb / 39P
Low-Power LCD Microcontroller
Rev 2; 12/04
MAXQ2000-RAX MAXIM-MAXQ2000-RAX Datasheet
496Kb / 39P
Low-Power LCD Microcontroller
Rev 10; 7/08
MAXQ2000-RAX+ MAXIM-MAXQ2000-RAX+ Datasheet
496Kb / 39P
Low-Power LCD Microcontroller
Rev 10; 7/08
More results

Similar Description - MAXQ2000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com