Electronic Components Datasheet Search
  English  ▼

X  

MAXQ2000 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAXQ2000
Description  Evaluation Kit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAXQ2000 Datasheet HTML 1Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 2Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 3Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 4Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 5Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 6Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 7Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 8Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MAXQ2000 Evaluation Kit
2
_____________________________________________________________________
DESIGNATION
QTY
DESCRIPTION
SUPPLIER
PART
C1, C3, C4, C19
4
10µF, 10V tantalum capacitors
Panasonic
ECS-T1AX106R
C2, C5, C6
3
10µF, 16V capacitors (1210)
Panasonic
ECJ3YF1C106Z
C7, C8, C11–C16,
C20–C24
13
100nF 10%, 10V capacitors (0805)
Generic
—
C9, C10
2
10pF 5%, 50V capacitors (0805)
Panasonic
ECJ2VC1H100D
C17
1
18nF 10%, 10V capacitor (0805)
Generic
—
C18
1
4.7µF 10%, 10V capacitor (0805)
Generic
—
JU1, JU2, JU3
3
1 x 3, 0.1” spaced jumpers
3M
929834-02-03
JU4–JU11
8
1 x 2, 0.1” spaced jumpers
3M
929834-02-02
J1
1
Male 2mm power connector
CUI Inc.
PJ-002A
J2
1
2 x 36, 0.1” spaced header
3M
929836-02-36
J3
1
2 x 26, 0.1” spaced header
3M
929836-02-26
J4
1
2 x 5, 0.1” spaced header
3M
929836-02-05
J5
1
Female RS-232 DB9 connector
Amp/Tyco
745781-4
J6
1
DS9094F surface-mount iButton® clip
Dallas Semiconductor
DS9094FS
J7
1
1 x 8, 0.1” spaced header
3M
929834-02-08
RN1
1
1k
Ω SIP-9 resistor pack
CTS
770-10-1-102
R1, R4, R5
3
25.5k
Ω 1%, 1/8W resistors (0805)
Generic
—
R2
1
50k
Ω potentiometer resistor
Panasonic
EVN-D2AA03B54
R3, R6
2
13.0k
Ω 1%, 1/8 W resistors (0805)
Generic
—
R7
1
23.7k
Ω 1%, 1/8 W resistor (0805)
Generic
—
R8
1
10k
Ω potentiometer resistor
Panasonic
EVN-D2AA03B14
R9–R13
5
1k
Ω, 1/8W resistors (0805)
Generic
—
R14–R20
7
10k
Ω, 1/8 W resistors (0805)
Generic
—
R21
1
Empty resistor footprint (0805)
—
—
SW1, SW3, SW6
3
DIP switches x 8
C & K
SDA08H1KD
SW2, SW4, SW5
3
SPST N/O pushbutton
Omron
B3FS-1000
TP1—TP4
4
1 x 2, 0.100” spaced test points
3M
929834-02-02
U1, U2, U3
3
MAX1658 350mA linear regulator
Maxim
MAX1658ESA
U4
1
MAXQ2000 low-power LCD micro
Maxim
MAXQ2000-RAX
U5
1
DS1077L 3V EconOscillator™
Dallas Semiconductor
DS1077LZ-40
U6
1
MAX3387E 3V RS-232 transceiver
Maxim
MAX3387ExUG
U7
1
DS2433 4kB 1-Wire EEPROM
Dallas Semiconductor
DS2433S
U8
1
MAX1407 16-bit multi-ADC/DAC
Maxim
MAX1407CAI
U9
1
AT24C32A 1.8V I
2C EEPROM
Atmel
AT24C32AN-10SI-1.8
U10
1
74VHC541 octal buffer
Fairchild
74VHC541MTC
U11
1
10-segment bar graph red LED
Fairchild
MV57164
Y1
1
13.5MHz, 18pF crystal
Citizen
HC49US13.500MABJ
Y2, Y3
2
32kHz, 6pF crystals
Epson
C-002RX32.768K-E
Component List—Evaluation Kit Board
iButton is a registered trademark of Dallas Semiconductor Corp.
EconOscillator is a trademark of Dallas Semiconductor Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com