| Electronic Components Datasheet Search |
|
MAXQ2000 Datasheet(PDF) 5 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ2000 Datasheet(HTML) 5 Page - Maxim Integrated Products |
|
5 / 15 page ![]() MAXQ2000 Evaluation Kit _____________________________________________________________________ 5 JUMPER/ SWITCH WHEN OPEN/OFF WHEN CLOSED/ON JU4 HFXIN is driven by the socketed crystal HFXIN is connected to HFXADJ JU5 No effect P6.0 is connected to DS1077 SCL JU6 No effect P6.1 is connected to DS1077 SDA SW1 #1 No effect RS-232 DTR/CTS connected (loopback test) SW1 #2 No effect RS-232 RTS/DSR connected (loopback test) SW1 #3 No effect RTS flow control input connected to P5.2 SW1 #4 No effect Serial receive connected to P7.1 (RXD0) SW1 #5 No effect DTR flow control input connected to P5.3 SW1 #6 No effect DSR flow control output connected to P6.4 SW1 #7 No effect Serial transmit connected to P7.0 (TXD0) SW1 #8 No effect CTS flow control output connected to P6.5 JU7 No effect DS2433 data line connected to 1-Wire bus JU8 No effect P6.2 (OWOUT) connected to 1-Wire bus JU9 No effect P6.3 (OWIN) connected to 1-Wire bus JU10 No effect HFXADJ is driven by DS1077L output JU11 Kit board is powered from J1 supply Kit board will be powered over JTAG SW3 #1 No effect MAX1407 RESET connected to P6.4 SW3 #2 No effect HFXADJ is driven by MAX1407 FOUT SW3 #3 No effect MAX1407 CS connected to P5.4 (SSEL) SW3 #4 No effect MAX1407 SCLK connected to P5.6 (SCLK) SW3 #5 No effect MAX1407 DIN connected to P5.5 (MOSI) SW3 #6 No effect MAX1407 DOUT connected to P5.7 (MISO) SW3 #7 No effect MAX1407 INT connected to P6.0 SW3 #8 No effect MAX1407 DRDY connected to P6.1 SW6 #1 No effect MAX1407 WU1 connected to P6.5 SW6 #2 No effect SW4 pulls P5.2 to ground when pressed (Note 1) SW6 #3 No effect SW4 pulls P5.3 to ground when pressed (Note 1) SW6 #4 No effect SW5 pulls P7.0 to ground when pressed (Note 2) SW6 #5 No effect SW5 pulls P7.1 to ground when pressed (Note 2) SW6 #6 No effect EEPROM SCL connected to P6.0 SW6 #7 No effect EEPROM SDA connected to P6.1 SW6 #8 No effect LED bar graph displays Port 0 logic levels Table 2. Other Jumper and DIP Switch Settings Note 1: If both SW6 #2 and #3 are closed, P5.2 and P5.3 will be shorted together. Note 2: If both SW6 #4 and #5 are closed, P7.0 and P7.1 will be shorted together. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |