Electronic Components Datasheet Search
  English  ▼

X  

MAXQ2000 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXQ2000
Description  Evaluation Kit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXQ2000 Datasheet HTML 1Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 2Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 3Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 4Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 5Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 6Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 7Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 8Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MAXQ2000 Evaluation Kit
_____________________________________________________________________
3
Detailed Description
This evaluation kit must be used with the following doc-
uments:
• MAXQ2000 Data Sheet
(www.maxim-ic.com/MAXQ2000)
• MAXQ Family User’s Guide
(www.maxim-ic.com/MAXQUG)
• MAXQ Family User’s Guide: MAXQ2000 Supplement
(www.maxim-ic.com/MAXQ2k_sup)
The MAXQ2000 EV kit board and LCD display daughter-
board are fully defined in the schematics provided in this
document. However, a short description of the major
components and connectors of the boards follows.
Power Supplies
There are three different ways to set up power supplies
when using the MAXQ2000 EV kit. The two boards that
require power supplies are the MAXQ2000 EV kit board
and the serial-to-JTAG interface board. The LCD
daughterboard simply plugs into the MAXQ2000 EV kit
board and does not require its own power supply.
Two different types of power supplies (which are not
included with the MAXQ2000 EV kit) are required to set
up the configurations listed below.
• 5V, ±5% 300mA DC regulated supply (25mm,
center-post, positive female connector) to power the
serial-to-JTAG interface board.
• 6V to 9V, 300mA DC supply (2.5mm, center-post,
positive female connector) to power the MAXQ2000
EV kit board.
Running Both Boards from
Separate Power Supplies
To run each of the boards from its own power supply,
connect supplies as follows.
• Connect a 5V, ±5% regulated DC wall supply to the
J2 power plug of the serial-to-JTAG interface board.
• Connect a 6V to 9V DC wall supply (center post posi-
tive, at least 300mA capacity) to the J1 power plug of
the MAXQ2000 EV kit board.
Note: When using two power supplies in this man-
ner, the JU11 jumper on the MAXQ2000 EV kit board
must be DISCONNECTED.
Running Both Boards from a Single Power Supply
If the serial-to-JTAG interface board is being used, a
single power supply can be used to power both boards
as follows.
• Connect a 5V, ±5% regulated DC wall supply to the
J2 power plug of the serial-to-JTAG interface board.
• Connect the JH3 jumper on the serial-to-JTAG inter-
face board.
• Connect the JU11 jumper on the MAXQ2000 EV kit
board.
Note: Do not connect a power supply to the J1 plug
on the MAXQ2000 EV kit when powering the boards
in this manner.
Running the MAXQ2000 EV KIT Board
from a Single Power Supply
If the MAXQ2000 has already been programmed using
the JTAG interface, it is possible to disconnect the seri-
al-to-JTAG board and power up the MAXQ2000
Evaluation Kit board on its own. This simply executes
the previously loaded firmware, with no possibility of in-
application load or debugging.
• Connect a 6V to 9V DC wall supply (center post posi-
tive, at least 300mA capacity) to the J1 power plug of
the MAXQ2000 EV kit board.
DESIGNATION
QTY
DESCRIPTION
SUPPLIER
PART
C1–C4
4
Empty capacitor footprint (0805)
—
—
J1
1
2 x 26, 0.1” spaced socket
3M
929975-01-26
R1–R3
3
Empty resistor footprint (0805)
—
—
U1
1
Static, 3V, 4-1/2 digit display LCD
Varitronix
VI-502-DP-RC-S
Component List—LCD Display Daughterboard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com