Electronic Components Datasheet Search
  English  ▼

X  

MAXQ2000 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAXQ2000
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAXQ2000 Datasheet HTML 4Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 5Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 6Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 7Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 8Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 9Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 10Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 11Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Low-Power LCD Microcontroller
8
_____________________________________________________________________
Pin Description (continued)
PIN
TQFN-EP
QFN-EP
LQFP
NAME
FUNCTION
29
34
52
32KIN
32kHz Crystal Input. Connect an external, 32kHz watch crystal between 32KIN and
32KOUT as the low-frequency system clock. Alternatively, 32KIN is the input for an
external, 32kHz clock source when 32KOUT is floating.
30
35
53
32KOUT
32kHz Crystal Output/Input. Connect an external, 32kHz watch crystal between
32KIN and 32KOUT as the low-frequency system clock. Alternatively, float 32KOUT
when an external, 32kHz clock source is connected to the 32KIN pin.
General-Purpose, 8-Bit, Digital, I/O, Type-C Port; LCD Segment-Driver Output.
These port pins function as both bidirectional I/O pins and LCD segment-drive
outputs. All port pins are defaulted as input with weak pullup after a reset. Enabling
a pin’s LCD function disables the general-purpose I/O on the pin. Setting the PCF1
bit enables the LCD for all pins on this port and disables the general-purpose I/O
function on all pins.
56-PIN
68-PIN
100-PIN
PORT
ALTERNATE FUNCTION
1
66
97
P1.0
SEG8
2
67
98
P1.1
SEG9
3
68
3
P1.2
SEG10
4
1
4
P1.3
SEG11
5
2
5
P1.4
SEG12
6
3
6
P1.5
SEG13
7
4
7
P1.6
SEG14
1–8
66, 67,
68; 1–5
97, 98,
3–8
P1.0–
P1.7;
SEG8–
SEG15
8
5
8
P1.7
SEG15
General-Purpose, 8-Bit, Digital, I/O, Type-C Port; LCD Segment-Driver Output.
These port pins function as both bidirectional I/O pins and LCD segment-drive
outputs. All port pins are defaulted as input with weak pullup after a reset. Enabling
a pin’s LCD function disables the general-purpose I/O on the pin. Setting the PCF2
bit enables the LCD for all pins on this port and disables the general-purpose I/O
function on all pins.
ALTERNATE FUNCTIONS
56-PIN
68-PIN
100-PIN
PORT
56-PIN
68-PIN
—
6
9
P2.0
—
SEG16
—
7
10
P2.1
—
SEG17
—
8
11
P2.2
—
SEG18
—
9
14
P2.3
—
SEG19
9
10
15
P2.4
SEG16
SEG20
10
11
16
P2.5
SEG17
SEG21
11
12
17
P2.6
SEG18
SEG22
9–12
6–13
9, 10,
11, 14–
18
P2.0–
P2.7;
SEG16–
SEG23
12
13
18
P2.7
SEG19
SEG23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com