Electronic Components Datasheet Search
  English  ▼

X  

MAXQ2000 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAXQ2000
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAXQ2000 Datasheet HTML 23Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 24Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 25Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 26Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 27Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 28Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 29Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 30Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
Low-Power LCD Microcontroller
____________________________________________________________________
27
Power Management
Advanced power-management features minimize
power consumption by dynamically matching the pro-
cessing speed of the device to the required perfor-
mance level. This means device operation can be
slowed and power consumption minimized during peri-
ods of reduced activity. When more processing power
is required, the microcontroller can increase its operat-
ing frequency. Software-selectable clock-divide opera-
tions allow flexibility, selecting whether a system clock
cycle is 1, 2, 4, or 8 oscillator cycles. By performing this
function in software, a lower power state can be
entered without the cost of additional hardware.
For extremely power-sensitive applications, three addi-
tional low-power modes are available:
• PMM1: divide-by-256 power-management mode
(PMME = 1, CD1:0 = 00b)
• PMM2: 32kHz power-management mode (PMME = 1,
CD1:0 = 11b)
• Stop mode (STOP = 1)
In PMM1, one system clock is 256 oscillator cycles, sig-
nificantly reducing power consumption while the micro-
controller functions at reduced speed. In PMM2, the
device can run even slower by using the 32kHz oscilla-
tor as the clock source. The optional switchback fea-
ture allows enabled interrupt sources including external
interrupts, UARTs, and the SPI module to quickly exit
the power-management modes and return to a faster
internal clock rate.
Power consumption reaches its minimum in Stop mode.
In this mode, the external oscillator, system clock, and all
processing activity is halted. Stop mode is exited when
an enabled external interrupt pin is triggered, an external
reset signal is applied to the RESET pin, or the RTC time-
of-day alarm is activated. Upon exiting Stop mode, the
microcontroller can choose to wait for the external high-
frequency crystal to complete its warmup period, or it
can start execution immediately from its internal ring
oscillator while the warmup period completes.
Interrupts
Multiple interrupt sources are available for quick
response to internal and external events. The MAXQ
architecture uses a single interrupt vector (IV), single
interrupt-service routine (ISR) design. For maximum
flexibility, interrupts can be enabled globally, individual-
ly, or by module. When an interrupt condition occurs,
its individual flag is set, even if the interrupt source is
disabled at the local, module, or global level. Interrupt
flags must be cleared within the user-interrupt routine
to avoid repeated interrupts from the same source.
Application software must ensure a delay between the
write to the flag and the RETI instruction to allow time
for the interrupt hardware to remove the internal inter-
rupt condition. Asynchronous interrupt flags require a
one-instruction delay and synchronous interrupt flags
require a two-instruction delay.
When an enabled interrupt is detected, software jumps
to a user-programmable interrupt vector location. The
IV register defaults to 0000h on reset or power-up, so if
it is not changed to a different address, the user pro-
gram must determine whether a jump to 0000h came
from a reset or interrupt source.
Once software control has been transferred to the ISR,
the interrupt identification register (IIR) can be used to
determine if a system register or peripheral register
was the source of the interrupt. The specified module
can then be interrogated for the specific interrupt
source and software can take appropriate action.
Because the interrupts are evaluated by user software,
the user can define a unique interrupt priority scheme
for each application. The following interrupt sources are
available. Sources marked with an asterisk are not
available on the 56-pin version.
• Watchdog Interrupt
• External Interrupts 0 to 15 (INT10*, INT11*)
• RTC Time-of-Day and Subsecond Alarms
• Serial Port 0 Receive and Transmit Interrupts
• Serial Port 1 Receive and Transmit Interrupts*
• SPI Mode Fault, Write Collision, Receive Overrun, and
Transfer Complete Interrupts
• Timer 0 Low Compare, Low Overflow,
Capture/Compare, and Overflow Interrupts
• Timer 1 Low Compare, Low Overflow,
Capture/Compare, and Overflow Interrupts
• Timer 2 Low Compare, Low Overflow,
Capture/Compare, and Overflow Interrupts
• 1-Wire Presence Detect, Transmit Buffer Empty,
Transmit Shift Register Empty, Receive Buffer Full,
and Shift Register Full, Short, and Low Interrupts*
Reset Sources
Several reset sources are provided for microcontroller
control. Although code execution is halted in the reset
state, the high-frequency oscillator and the ring oscillator
continue to oscillate. Internal resets such as the power-
on and watchdog resets assert the RESET pin low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com