Electronic Components Datasheet Search
  English  ▼

X  

MAXQ2000 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAXQ2000
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAXQ2000 Datasheet HTML 25Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 26Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 27Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 28Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 29Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 30Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 31Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 32Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Low-Power LCD Microcontroller
____________________________________________________________________
29
High-Speed Hardware Multiplier
The hardware multiplier module performs high-speed
multiply, square, and accumulate operations, and can
complete a 16-bit x 16-bit multiply-and-accumulate
operation in a single cycle. The hardware multiplier
consists of two 16-bit parallel-load operand registers
(MA, MB), an accumulator that is formed by up to three
16-bit parallel registers (MC2, MC1, and MC0), and a
status/control register (MCNT). Loading the registers
can automatically initiate the operation, saving time on
repetitive calculations. The accumulate function of the
hardware multiplier is an essential element of digital fil-
tering, signal processing, and PID control systems.
The hardware multiplier module supports the following
operations:
• Multiply unsigned (16 bit x 16 bit)
• Multiply signed (16 bit x 16 bit)
• Multiply-Accumulate unsigned (16 bit x 16 bit)
• Multiply-Accumulate signed (16 bit x 16 bit)
• Square unsigned (16 bit)
• Square signed (16 bit)
• Square-Accumulate unsigned (16 bit)
• Square-Accumulate signed (16 bit)
Real-Time Clock
A binary real-time clock keeps the time of day in
absolute seconds with 1/256-second resolution. The
32-bit second counter can count up to approximately
136 years and be translated to calendar format by the
application software. A time-of-day alarm and indepen-
dent subsecond alarm can cause an interrupt, or wake
the device from Stop mode.
The independent subsecond alarm runs from the same
RTC, and allows the application to perform periodic
interrupts up to ones with a granularity of approximately
3.9ms. This creates an additional timer that can be
used to measure long periods without performance
degradations. Traditionally, long time periods have
been measured using multiple interrupts from shorter
programmable timers. Each timer interrupt required
servicing, with each accompanying interruption slowing
system operation. By using the RTC subsecond timer
as a long-period timer, only one interrupt is needed,
eliminating the performance hit associated with using a
shorter timer.
An internal crystal oscillator clocks the RTC using inte-
grated 6pF load capacitors, and give the best perfor-
mance when mated with a 32.768kHz crystal rated for a
6pF load. No external load capacitors are required.
Higher accuracy can be obtained by supplying an exter-
nal clock source to the RTC. The frequency accuracy of
a crystal-based oscillator circuit is dependent upon crys-
tal accuracy, the match between the crystal and the
oscillator capacitor load, ambient temperature, etc. An
error of 20ppm is equivalent to approximately 1 minute
per month.
Programmable Timers
The microcontroller incorporates three 16-bit program-
mable instances of the Timer 2 peripheral, denoted
TR2A, TR2B, and TR2C. These timers can be used in
counter/timer/capture/compare/PWM functions, allow-
ing precise control of internal and external events.
Timer 2 supports optional single-shot, external gating,
and polarity control options.
Timer 2
The Timer 2 peripheral includes the following:
• 16-bit autoreload timer/counter
• 16-bit capture
• 16-bit counter
• 8-bit capture and 8-bit timer
• 8-bit counter and 8-bit timer
Watchdog Timer
An internal watchdog timer greatly increases system
reliability. The timer resets the device if software execu-
tion is disturbed. The watchdog timer is a free-running
counter designed to be periodically reset by the appli-
cation software. If software is operating correctly, the
counter will be periodically reset and never reach its
maximum count. However, if software operation is inter-
rupted, the timer does not reset, triggering a system
reset and optionally a watchdog timer interrupt. This
protects the system against electrical noise or electro-
static discharge (ESD) upsets that could cause uncon-
trolled processor operation. The internal watchdog
timer is an upgrade to older designs with external
watchdog devices, reducing system cost and simulta-
neously increasing reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com