Electronic Components Datasheet Search
  English  ▼

X  

MAXQ2000 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAXQ2000
Description  Low-Power LCD Microcontroller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2000 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAXQ2000 Datasheet HTML 5Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 6Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 7Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 8Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 9Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 10Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 11Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 12Page - Maxim Integrated Products MAXQ2000 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
Low-Power LCD Microcontroller
_____________________________________________________________________
9
Pin Description (continued)
PIN
TQFN-EP QFN-EP
LQFP
NAME
FUNCTION
General-Purpose, Digital, I/O, Type-D Port; LCD Segment-Driver Output; External
Edge-Selectable Interrupt. This port functions as both bidirectional I/O pins and LCD
segment-drive outputs. All port pins are defaulted as inputs with weak pullups after a
reset. The port pads can be configured as an external interrupt for pins 7 to 4. If the
external interrupt is enabled, the LCD function on the associated pin is disabled.
Setting the PCF3 bit enables the LCD for all pins on this port and disables the general-
purpose I/O function on all pins.
It is possible to mix the LCD and interrupt functions on the same port. To do this, the
interrupt enable must be established prior to setting the PCF0 bit. Care must be taken
not to enable the external interrupt while the LCD is in normal operational mode, as
this could result in potentially harmful contention between the LCD controller output
and the external source connected to the interrupt input.
ALTERNATE FUNCTIONS
56-PIN
68-PIN
100-PIN
PORT
56-PIN
68-PIN
—
14
19
P3.0
—
SEG24
—
15
20
P3.1
—
SEG25
—
16
21
P3.2
—
SEG26
—
17
22
P3.3
—
SEG27
13
18
23
P3.4
SEG20/INT4
SEG28/INT4
14
19
27
P3.5
SEG21/INT5
SEG29/INT5
15
20
28
P3.6
SEG22/INT6
SEG30/INT6
13–16
14–21
19–23,
27, 28,
29
P3.0–
P3.7;
SEGx;
INT4–
INT7
16
21
29
P3.7
SEG23/INT7
SEG31/INT7
LCD Segment-Driver Output; LCD Common-Drive Output. The selection of a pin
function as either segment or its alternative common-mode signal is controlled by the
choice of duty cycle (DUTY1:0).
FUNCTION
56-PIN
68-PIN
100-PIN
56-PIN
68-PIN
100-PIN
ALTERNATE
FUNCTIONS
17
22
30
SEG24
SEG32
SEG32
—
18
23
31
SEG25
SEG33
COM3
COM3
19
24
32
SEG26
SEG34
COM2
COM2
20
25
33
SEG27
SEG35
COM1
COM1
17–21
22–26
30–34
SEGx;
COM3–
COM0
21
26
34
—
COM0
COM0
—
General-Purpose, Digital, I/O, Type-D Port; Debug Port Signal; External Edge-
Selectable Interrupt. Pins default to JTAG on POR; other functions must be enabled
from software.
56-PIN
68-PIN
100-PIN
PORT
ALTERNATE FUNCTIONS
24
29
40
P4.0
TCK
INT8
25
30
41
P4.1
TDI
INT9
26
31
42
P4.2
TMS
—
24–27
29–32
40–43
P4.0–
P4.3;
TCK/TDI/
TMS/
TDO;
INT8,
INT9
27
32
43
P4.3
TDO
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com