Electronic Components Datasheet Search
  English  ▼

X  

MXB7843EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MXB7843EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7843EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MXB7843EEE Datasheet HTML 8Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 9Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 10Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 11Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 12Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 13Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 14Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 15Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
2.375V to 5.25V, 4-Wire Touch-Screen
Controller
12
______________________________________________________________________________________
OPEN CIRCUIT
PENIRQ
ENABLE
PENIRQ
TOUCH SCREEN
VDD
100k
Ω
Y+
X+
Y-
ON
Figure 5. PENIRQ Functional Block Diagram
NO RESPONSE TO TOUCH
MASK PENIRQ
PENIRQ ENABLED
tTOUCH
SCREEN TOUCHED HERE
INTERRUPT PROCESSOR
SA2
A1
A0
M
S/D
PD1
PD0
12
3
4
5
6
78
1
2
3
1213
141516
PENIRQ
CS
DIN
DCLK
Figure 6. PENIRQ Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com