Electronic Components Datasheet Search
  English  ▼

X  

MXB7843EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MXB7843EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7843EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MXB7843EEE Datasheet HTML 1Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 2Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 3Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 4Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 5Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 6Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 7Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 8Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
2.375V to 5.25V, 4-Wire Touch-Screen
Controller
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 3.6V, VREF = 2.5V, fDCLK = 2MHz (50% duty cycle), fSAMPLE = 125kHz, 12-bit mode, 0.1µF capacitor at REF, TA =
TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE (Reference applied to REF)
Reference Input Voltage Range
(Note 6)
1
VDD
V
Input Resistance
5G
Ω
fSAMPLE = 125kHz
13
40
fSAMPLE = 12.5kHz
2.5
Input Current
fDCLK = 0
±3
µA
DIGITAL INPUTS (DCLK,
CS, DIN)
Input High Voltage
VIH
VDD
✕ 0.7
V
Input Low Voltage
VIL
0.8
V
Input Hysteresis
VHYST
100
mV
Input Leakage Current
IIN
±1
µA
Input Capacitance
CIN
15
pF
DIGITAL OUTPUT (DOUT, BUSY)
Output Voltage Low
VOL
ISINK = 250µA
0.4
V
Output Voltage High
VOH
ISOURCE = 250µA
VDD -
0.5
V
PENIRQ Output Low Voltage
VOL
50k
Ω pullup to VDD
0.8
V
Three-State Leakage Current
IL
CS = VDD
1
±10
µA
Three-State Output Capacitance
COUT
CS = VDD
15
pF
POWER REQUIREMENTS
Supply Voltage
VDD
2.375
5.250
V
fSAMPLE = 125ksps
270
650
fSAMPLE = 12.5ksps
220
Supply Current
IDD
fSAMPLE = 0
150
µA
Shutdown Supply Current
ISHDN
DCLK = CS = VDD
3µA
Power-Supply Rejection Ratio
PSRR
VDD = 2.7V to 3.6V full scale
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com