Electronic Components Datasheet Search
  English  ▼

X  

MXB7843EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MXB7843EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7843EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MXB7843EEE Datasheet HTML 1Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 2Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 3Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 4Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 5Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 6Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 7Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 8Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2.375V to 5.25V, 4-Wire Touch-Screen
Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD, DIN, CS, DCLK to GND ...................................-0.3V to +6V
Digital Outputs to GND...............................-0.3V to (VDD + 0.3V)
VREF, X+, X-, Y+, Y-, IN3, IN4 to GND........-0.3V to (VDD + 0.3V)
Maximum Current into Any Pin .........................................±50mA
Maximum ESD per IEC-61000-4-2 (per MIL STD-883 HBM)
X+, X-, Y+, Y-, IN3, IN4 ...........................................15kV (4kV)
All Other Pins ..........................................................2kV (500V)
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.30mW/°C above +70°C).........667mW
16-Pin TSSOP (derate 5.70mW/°C above +70°C) .......456mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 3.6V, VREF = 2.5V, fDCLK = 2MHz (50% duty cycle), fSAMPLE = 125kHz, 12-bit mode, 0.1µF capacitor at REF, TA =
TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
12
Bits
No Missing Codes
11
12
Bits
Relative Accuracy
INL
(Note 2)
±1
±2
LSB
Differential Nonlinearity
DNL
±1
LSB
Offset Error
±6
LSB
Gain Error
(Note 3)
±4
LSB
Noise
70
µVRMS
CONVERSION RATE
Conversion Time
tCONV
12 clock cycles (Note 4)
6
µs
Track/Hold Acquisition Time
tACQ
3 clock cycles
1.5
µs
Throughput Rate
fSAMPLE
16 clock conversion
125
kHz
Multiplexer Settling Time
500
ns
Aperture Delay
30
ns
Aperture Jitter
100
ps
Channel-to-Channel Isolation
VIN = 2.5VP-P at 50kHz
100
dB
Serial Clock Frequency
fDCLK
0.1
2.0
MHz
Duty Cycle
40
60
%
ANALOG INPUT (X+, X-, Y+, Y-, IN3, IN4)
Input Voltage Range
0
VREF
V
Input Capacitance
25
pF
Input Leakage Current
On/off-leakage, VIN = 0 to VDD
±0.1
±1
µA
SWITCH DRIVERS
Y+, X+
7
On-Resistance (Note 5)
Y-, X-
9
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com