Electronic Components Datasheet Search
  English  ▼

X  

MXB7843EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MXB7843EEE
Description  2.375V to 5.25V, 4-Wire Touch-Screen Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MXB7843EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MXB7843EEE Datasheet HTML 9Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 10Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 11Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 12Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 13Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 14Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 15Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 16Page - Maxim Integrated Products MXB7843EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Digital Interface
Initialization After Power-Up and Starting a
Conversion
The digital interface consists of three inputs, DIN, DCLK,
CS, and one output, DOUT. A logic-high on CS disables
the MXB7843 digital interface and places DOUT in a
high-impedance state. Pulling CS low enables the
MXB7843 digital interface.
Start a conversion by clocking a control byte into DIN
(Table 3) with CS low. Each rising edge on DCLK
clocks a bit from DIN into the MXB7843’s internal shift
register. After CS falls, the first arriving logic 1 bit
defines the control byte’s START bit. Until the START bit
arrives, any number of logic 0 bits can be clocked into
DIN with no effect.
The MXB7843 is compatible with SPI/QSPI/MICROWIRE
devices. For SPI, select the correct clock polarity and
sampling edge in the SPI control registers of the micro-
controller: set CPOL = 0 and CPHA = 0. MICROWIRE,
SPI, and QSPI all transmit a byte and receive a byte at
the same time. The simplest software interface requires
only three 8-bit transfers to perform a conversion (one 8-
bit transfer to configure the ADC, and two more 8-bit
transfers to read the conversion result) (Figure 7).
Simple Software Interface
Make sure the CPU’s serial interface runs in master
mode so the CPU generates the serial clock. Choose a
clock frequency from 500kHz to 2MHz:
1) Set up the control byte and call it TB. TB should be
in the format: 1XXXXXXX binary, where X denotes
the particular channel, selected conversion mode,
and power mode (Tables 3, 4).
2) Use a general-purpose I/O line on the CPU to pull
CS low.
3) Transmit TB and simultaneously receive a byte; call
it RB1.
4) Transmit a byte of all zeros ($00 hex) and simultane-
ously receive byte RB2.
5) Transmit a byte of all zeros ($00 hex) and simultane-
ously receive byte RB3.
6) Pull CS high.
Figure 7 shows the timing for this sequence. Bytes RB2
and RB3 contain the result of the conversion, padded
by four trailing zeros. The total conversion time is a func-
tion of the serial-clock frequency and the amount of idle
timing between 8-bit transfers.
Digital Output
The MXB7843 outputs data in straight binary format
(Figure 10). Data is clocked out on the falling edge of
the DCLK, MSB first.
Serial Clock
The external clock not only shifts data in and out, but it
also drives the analog-to-digital conversion steps.
BUSY pulses high for one clock period after the last bit
of the control byte. Successive-approximation bit deci-
sions are made and appear at DOUT on each of the
next 12 DCLK falling edges. BUSY and DOUT go into a
high-impedance state when CS goes high.
The conversion must complete in 500µs or less; if not,
droop on the sample-and-hold capacitors can degrade
conversion results.
Data Framing
The falling edge of CS does not start a conversion. The
first logic high clocked into DIN is interpreted as a start
bit and defines the first bit of the control byte. A conver-
sion starts on DCLK’s falling edge, after the eighth bit
of the control byte is clocked into DIN.
The first logic 1 clocked into DIN after bit 6 of a conver-
sion in progress is clocked onto the DOUT pin and is
treated as a START bit (Figure 8).
Once a start bit has been recognized, the current con-
version must be completed.
The fastest the MXB7843 can run with CS held continu-
ously low is 15 clock conversions. Figure 8 shows the
serial-interface timing necessary to perform a conver-
sion every 15 DCLK cycles. If CS is connected low and
DCLK is continuous, guarantee a start bit by first clock-
ing in 16 zeros.
Most microcontrollers (µCs) require that data transfers
occur in multiples of eight DCLK cycles; 16 clocks per
conversion is typically the fastest that a µC can drive the
MXB7843. Figure 9 shows the serial-interface timing nec-
essary to perform a conversion every 16 DCLK cycles.
8-Bit Conversion
The MXB7843 provides an 8-bit conversion mode
selected by setting the MODE bit in the control byte
high. In the 8-bit mode, conversions complete four
clock cycles earlier than in the 12-bit output mode,
resulting in 25% faster throughput. This can be used in
conjunction with serial interfaces that provide 12-bit
transfers, or two conversions could be accomplished
with three 8-bit transfers. Not only does this shorten each
conversion by 4 bits, but each conversion can also
2.375V to 5.25V, 4-Wire Touch-Screen
Controller
______________________________________________________________________________________
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com