Electronic Components Datasheet Search
  English  ▼

X  

HMC239AS8 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC239AS8
Description  GaAs MMIC SPDT SWITCH DC - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC239AS8 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC239AS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC239AS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC239AS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC239AS8 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
0 - 4
HMC239AS8 / 239AS8E
v00.0311
GaAs MMIC SPDT SWITCH
DC - 2.5 GHz
Simple driver using inexpensive standard logic ics provides fast switching using minimum Dc current.
Typical Application Circuit
Evaluation Circuit Board
The circuit board used in the application should be
generated with proper RF circuit design techniques.
Signal lines at the RF port should have 50 Ohm
impedance and the package ground leads and
package bottom should be connected directly to the
ground plane similar to that shown above. The eval-
uation circuit board shown above is available from
hittite Microwave corporation upon request.
item
Description
J1 - J3
PcB Mount SMA RF connector
J4 - J6
Dc Pin
c1 - c3
330 pF capacitor, 0402 Pkg.
U1
hMc239AS8 / hMc239AS8e SPDt Switch
PcB [2]
101780 evaluation PcB
[1] Reference this number when ordering complete evaluation PCB
[2] circuit Board Material: Rogers 4350
List of Materials for Evaluation PCB 101782 [1]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com