Electronic Components Datasheet Search
  English  ▼

X  

HMC239AS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC239AS8
Description  GaAs MMIC SPDT SWITCH DC - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC239AS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC239AS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC239AS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC239AS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC239AS8 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
0 - 2
HMC239AS8 / 239AS8E
v00.0311
GaAs MMIC SPDT SWITCH
DC - 2.5 GHz
Return Loss
Insertion Loss
Isolation
Input 0.1 and 1.0 dB
Compression vs. Control Voltage
Input Third Order
Distortion vs. Control Voltage
20
25
30
35
-9
-8
-7
-6
-5
-4
CONTROL VOLTAGE (Vdc)
P0.1dB at 900 MHz
P0.1dB at 1900 MHz
P1dB at 1900 MHz
P1dB at 900 MHz
45
50
55
-9
-8
-7
-6
-5
-4
CONTROL VOLTAGE (Vdc)
900 MHz
1900 MHz
-3
-2.5
-2
-1.5
-1
-0.5
0
0
1
2
3
FREQUENCY (GHz)
-40
-30
-20
-10
0
0
1
2
3
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0
1
2
3
FREQUENCY (GHz)
RF1
RF2
Truth Table
*control input Voltage tolerances are ± 0.2 Vdc.
control input*
control current
Signal Path State
A
(Vdc)
B
(Vdc)
ia
(μA)
Ib
(μA)
RF to
RF1
RF to
RF2
-5
0
-5
5
ON
OFF
0
-5
5
-5
OFF
ON
-6
0
-12
12
ON
OFF
0
-6
12
-12
OFF
ON
-7
0
-20
20
ON
OFF
0
-7
20
-20
OFF
OM
-8
0
-32
32
ON
OFF
0
-8
32
-32
OFF
ON



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com