Electronic Components Datasheet Search
  English  ▼

X  

HMC239AS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC239AS8
Description  GaAs MMIC SPDT SWITCH DC - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC239AS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC239AS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC239AS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC239AS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC239AS8 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
0 - 3
HMC239AS8 / 239AS8E
v00.0311
GaAs MMIC SPDT SWITCH
DC - 2.5 GHz
Compression vs. Bias Voltage
caution: Do not operate in 1 dB compression at power levels
above +30 dBm and do not “hot switch” power levels greater than
+20 dBm (Vctl= -5 Vdc).
Distortion vs. Bias Voltage
carrier at 900 Mhz
carrier at 1900 Mhz
control
input
input Power
for 0.1 dB
compression
input Power
for 1.0 dB
compression
input Power
for 0.1 dB
compression
input Power
for 1.0 dB
compression
(Vdc)
(dBm)
(dBm)
(dBm)
(dBm)
-5
28
30
27
29
-6
29
31
28
30
-8
31
33
30
32
control
input
third Order intercept (dBm)
+7 dBm each tone
(Vdc)
900 Mhz
1900 Mhz
-5
50
49
-8
50
49
Absolute Maximum Ratings
Outline Drawing
Max. input Power
(VctL = 0 / -8V)
0.05 Ghz
0.5 - 2 Ghz
+27 dBm
+34 dBm
Control Voltage Range (A & B)
+2 to -12 Vdc
Storage temperature
-65 to +150 °c
Operating temperature
-40 to +85 °c
eLectROStAtic SeNSitiVe DeVice
OBSeRVe hANDLiNG PRecAUtiONS
NOteS:
1. LeADFRAMe MAteRiAL: cOPPeR ALLOY
2. DiMeNSiONS ARe iN iNcheS [MiLLiMeteRS]
3. DiMeNSiON DOeS NOt iNcLUDe MOLDFLASh OF 0.15 mm PeR SiDe.
4. DiMeNSiON DOeS NOt iNcLUDe MOLDFLASh OF 0.25 mm PeR SiDe.
5. ALL GROUND LeADS MUSt Be SOLDeReD tO PcB RF GROUND.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [3]
hMc239AS8
Low Stress injection Molded Plastic
Sn / Pb Solder
MSL1
[1]
hMc239A
XXXX
hMc239AS8e
RohS-compliant Low Stress injection Molded Plastic
100% matte Sn
MSL1
[2]
hMc239A
XXXX
[1] Max peak reflow temperature of 235 °c
[2] Max peak reflow temperature of 260 °c
[3] 4-Digit lot number XXXX
Package Information



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com