Electronic Components Datasheet Search
  English  ▼

X  

HMC239AS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC239AS8
Description  GaAs MMIC SPDT SWITCH DC - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC239AS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC239AS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC239AS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC239AS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC239AS8 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
0 - 1
HMC239AS8 / 239AS8E
v00.0311
GaAs MMIC SPDT SWITCH
DC - 2.5 GHz
Electrical Specifications, T
A = +25 °C, Vctl = 0 / -5V, 50 Ohm System
Parameter
Frequency
Min.
typ.
Max.
Units
insertion Loss
Dc - 0.1 Ghz
Dc - 0.5 Ghz
Dc - 1.0 Ghz
Dc - 2.0 Ghz
Dc - 2.5 Ghz
0.4
0.4
0.5
0.6
0.7
0.6
0.6
0.7
0.8
1.0
dB
dB
dB
dB
dB
isolation
Dc - 0.5 Ghz
Dc - 1.0 Ghz
Dc - 2.0 Ghz
Dc - 2.5 Ghz
33
26
18
14
36
29
21
17
dB
dB
dB
dB
Return Loss
Dc - 1.0 Ghz
Dc - 2.0 Ghz
Dc - 2.5 Ghz
18
17
15
21
21
20
dB
dB
dB
input Power for 1 dB compression
0 / -5V control
0.5 - 1.0 Ghz
0.5 - 2.5 Ghz
25
23
29
27
dBm
dBm
input third Order intercept
(two-tone input Power = +7 dBm each tone)
0 / -5V control
0.5 - 1.0 Ghz
0.5 - 2.5 Ghz
45
44
50
49
49
dBm
dBm
Switching characteristics
Dc - 2.5 Ghz
tRiSe, tFALL (10 / 90% RF)
tON, tOFF (50% ctL to 10 / 90% RF)
2
10
10
ns
ns
Functional Diagram
Features
Low insertion Loss: 0.4 dB
high isolation: 35 dB
Fast Switching Speed: 2 ns
high input iP3: +50 dBm
Typical Applications
the hMc239AS8 / hMc239AS8e is ideal for:
• MMDS & WirelessLAN
• Basestation Infrastructure
• Portable Wireless
General Description
The HMC239AS8 & HMC239AS8E are low-cost GaAs
MMic SPDt switches in 8-lead SOic packages. the
switch can control signals from Dc to 2.5 Ghz. it is
especially suited for low or medium power applica-
tions which require extremely fast switching with
minimal insertion loss. the two control voltages
require a minimal amount of Dc current which is opti-
mal for battery powered radio systems. RF1 and RF2
are reflective shorts when “Off”.


Similar Part No. - HMC239AS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC239S8 HITTITE-HMC239S8 Datasheet
175Kb / 6P
GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC239S8 HITTITE-HMC239S8 Datasheet
227Kb / 6P
GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC239S8 HITTITE-HMC239S8_06 Datasheet
227Kb / 6P
GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC239S8 HITTITE-HMC239S8_10 Datasheet
198Kb / 4P
GaAs MMIC SPDT SWITCH DC - 2.5 GHz
More results

Similar Description - HMC239AS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC239S8 HITTITE-HMC239S8 Datasheet
175Kb / 6P
GaAs MMIC SPDT SWITCH DC - 2.5 GHz
HMC239S8 HITTITE-HMC239S8_06 Datasheet
227Kb / 6P
GaAs MMIC SPDT SWITCH DC - 2.5 GHz
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS303 HW-HWS303 Datasheet
120Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS314 HW-HWS314 Datasheet
115Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418 HW-HWS418 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS435 HW-HWS435 Datasheet
70Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
logo
Hittite Microwave Corpo...
HMC239S8 HITTITE-HMC239S8_10 Datasheet
198Kb / 4P
GaAs MMIC SPDT SWITCH DC - 2.5 GHz
logo
Hexawave, Inc
HWS443_V3 HW-HWS443_V3_15 Datasheet
59Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS418_V3 HW-HWS418_V3_15 Datasheet
56Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com