Electronic Components Datasheet Search
  English  ▼

X  

LM8805 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM8805
Description  600mA CMOS L.D.O. Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM8805 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM8805 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
600mA CMOS L.D.O. Regulator
LM8805
Aug. 2010 - Rev. 1.5.1
- 2
-
HTC
Ordering Information
VOUT
Package
Order No.
Description
Supplied As
Status
ADJ
SOT-23 5L
LM8805SF5-ADJ
600mA, Enable, Adjustable
Reel
Active
SOT-23 5L
LM8805SF5-1.2V
600mA, Fixed
Reel
Contact us
1.2 V
SOT-89 3L
LM8805F-1.2V
600mA, Fixed
Reel
Contact us
SOT-23 5L
LM8805SF5-2.5V
600mA, Fixed
Reel
Active
2.5 V
SOT-89 3L
LM8805F-2.5V
600mA, Fixed
Reel
Active
SOT-23 5L
LM8805SF5-3.3V
600mA, Fixed
Reel
Active
3.3 V
SOT-89 3L
LM8805F-3.3V
600mA, Fixed
Reel
Active
Package Type
Root Name
Product Code
LM 8805
Output Voltage : ADJ / 1.2V / 2.5V / 3.3V
SF5
F
: SOT-23 5L
: SOT-89
{
PIN CONFIGURATION
VOUT
BYP/ADJ
VIN
GND
EN
GND
VIN
VOUT
SOT-23 5L
SOT-89 3L
PIN DESCRIPTION
SOT-23 5L
SOT-89 3L
Pin No.
Name
Function
Name
Function
1
VIN
Input Supply
GND
Ground
2
GND
Ground
VIN
Input Supply
3
EN
Enable
VOUT
Output Voltage
4
BYP/ADJ
Bypass for Fixed output or
Output adjust for Adjustable output
-
-
5
VOUT
Output Voltage
-
-
5
4
1
2
3
1
2
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com