Electronic Components Datasheet Search
  English  ▼

X  

LM8805 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM8805
Description  600mA CMOS L.D.O. Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM8805 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM8805 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
600mA CMOS L.D.O. Regulator
LM8805
Aug. 2010 - Rev. 1.5.1
- 1
-
HTC
SOT-23 5L PKG
SOT-89 3L PKG
ORDERING INFORMATION
Device
Package
LM8805SF5-XX
SOT-23-5L
LM8805F-XX
SOT-89
XX = Output Voltage = ADJ, 1.2V, 2.5V, 3.3V
FEATURES
Maximum output current : 600mA
Highly accurate: Output voltage ±1.5%
Stability with Low ESR Capacitors
Low power consumption
On-chip Protections: Thermal, Short Circuit
Small input/output differential: 600mV at 600mA
Adjustable version
APPLICATION
Battery-Operated Systems
Portable Computers
Portable Cameras and Video Recorders
Reference Voltage Sources
Instrumentation
Pagers
DESCRIPSION
The LM8805 series is a low-dropout linear regulator.
There are devices designed specifically for battery-
operated systems. Ground current is very small (50uA-
Typ), that significantly extending battery life. Low power
consumption and high accuracy is achieved through
CMOS and programmable fuse technologies. Output
voltage: 1.5V to 6.0V.
SOT-23-5L(300mW) and SOT-89(500mW) packages are
available.
Absolute Maximum Ratings
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Input Voltage
VIN
-
8
V
Output Current
IOUT
-
1
A
Output Voltage
VOUT
VSS -0.3
VIN +0.3
V
Storage Temperature Range
TSTG
-40
125
℃
Operating Ambient Temperature
TA
-40
125
℃


Similar Part No. - LM8805

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM8805 FCI-LM8805 Datasheet
439Kb / 7P
600mA CMOS Low-Dropout Linear Regulators
More results

Similar Description - LM8805

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM1117S HTC-LM1117S Datasheet
175Kb / 11P
1A L.D.O. VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC2146 GTM-GSC2146 Datasheet
347Kb / 5P
600mA CMOS POSITIVE VOLTAGE REGULATOR
GSC2156 GTM-GSC2156 Datasheet
359Kb / 7P
600mA CMOS POSITIVE VOLTAGE REGULATOR
GSC2166 GTM-GSC2166 Datasheet
346Kb / 5P
600mA CMOS POSITIVE VOLTAGE REGULATOR
GSC2176 GTM-GSC2176 Datasheet
359Kb / 7P
600mA CMOS POSITIVE VOLTAGE REGULATOR
logo
Analog Microelectronics
AME8819 AME-AME8819 Datasheet
239Kb / 20P
Low Dropout 600mA CMOS Regulator
logo
HTC Korea TAEJIN Techno...
LM1108 HTC-LM1108 Datasheet
216Kb / 4P
300mA CMOS L.D.O. Regulator
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
Low Dropout 600mA CMOS Regulator
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
CMOS 600mA/800mA LDO voltage regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com