Electronic Components Datasheet Search
  English  ▼

X  

LM8805 Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM8805
Description  600mA CMOS L.D.O. Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM8805 Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM8805 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
600mA CMOS L.D.O. Regulator
LM8805
Aug. 2010 - Rev. 1.5.1
- 4
-
HTC
ELECTRICAL CHARACTERISTICS
(At TA =25℃, VIN = VOUT(nominal) + 1V, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage Accuracy
VO
IO = 1mA
IO = 1 to 600mA
-1.5
-3
+1.5
+2
%
Adjustable Voltage
VADJ
IO = 1mA
IO = 1 to 600mA
1.251
1.232
1.27
1.289
1.295
V
line Regulation
Δ
VLINE
IO = 1mA, (VOUT+1V)<VIN<6.5V
-0.3
0.05
0.3
%/V
Load Regulation
(Note 1)
Δ
VLOAD
1mA ≤ IO ≤ 600mA, COUT = 1uF
0.5
1.5
%
VOUT > 2.8V, IO=600mA
600
1000
2.0V < VOUT ≤ 2.8V, IO=600mA
900
1400
Dropout Voltage
VDROP
VOUT ≤ 2.0V, IO=600mA
1300
1900
mV
Maximum Output Current
IO(MAX)
VOUT > 0.96*VRating
600
mA
Current Limit
ICL
1300
mA
EN Exit Delay
CBP = 0uF, COUT = 1uF
IO = 100mA
600
usec
EN Input Bias Current
VEN = GND
100
nA
EN Input Low Current
VEN = VIN
-1
-0.3
uA
EN Supply Current
VEN = VIN
0.01
1
uA
EN Input Threshold Low
VIL
VIN = 2.5 to 5.5V
0.4
V
EN Input Threshold High
VIH
VIN = 2.5 to 5.5V
2
V
Ground Pin Current
IGND
IOUT = 0mA to 600mA
50
85
uA
Thermal Shutdown Temperature
TSD
IOUT = 10mA
155
℃
Thermal Shutdown Hysterisis
Δ
TSD
IOUT = 10mA
10
℃
VO Temperature Coefficient
IOUT = 10mA
30
ppm
Power Supply Ripple Rejection
PSRR
IOUT = 100mA, COUT = 2.2uF,
f = 100Hz
55
dB
Note 1. Load Regulation is measured using pulse techniques with duty cycle < 5%
OPERATING CHARACTERISTICS
T.B.D
APPLICATION INFORMATION
Detailed Description
The LM8805 consists of a high-precision voltage reference, an error correction circuit, and a current limited
output driver. With good transient responses, output remains stable even during load changes. The SHDN
input enables the output to be turned off, resulting in reduced power consumption.
The LM8805 incorporates both over-temperature and over-current protection.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com