Electronic Components Datasheet Search
  English  ▼

X  

LM8805 Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM8805
Description  600mA CMOS L.D.O. Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM8805 Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM8805 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM8805 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
600mA CMOS L.D.O. Regulator
LM8805
Aug. 2010 - Rev. 1.5.1
- 3
-
HTC
TYPICAL APPLICATION
Typical 3 Pin Application Circuit
LM8805-X.X
CIN
VIN
VOUT
GND
VIN
VOUT
COUT
Typical 5 Pin Application Circuit
- Output Adjustment (Adjustable version)
LM8805-ADJ
CIN
VIN
EN
VOUT
ADJ
GND
VIN
VOUT
R1
R2
COUT
VOUT = VADJ(1+R2/R1)
- Fixed Voltage Application
LM8805-X.X
CIN
VIN
EN
VOUT
BYP*
GND
VIN
VOUT
COUT
CBYP
(Optional)
* Note) BYP pin can be left open if low noise operation is not required.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com