Electronic Components Datasheet Search
  English  ▼

X  

MIC26901 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC26901
Description  28V, 9A Hyper Speed Control??Synchronous DC/DC Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC26901 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC26901 Datasheet HTML 5Page - Micrel Semiconductor MIC26901 Datasheet HTML 6Page - Micrel Semiconductor MIC26901 Datasheet HTML 7Page - Micrel Semiconductor MIC26901 Datasheet HTML 8Page - Micrel Semiconductor MIC26901 Datasheet HTML 9Page - Micrel Semiconductor MIC26901 Datasheet HTML 10Page - Micrel Semiconductor MIC26901 Datasheet HTML 11Page - Micrel Semiconductor MIC26901 Datasheet HTML 12Page - Micrel Semiconductor MIC26901 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Micrel, Inc.
MIC26901
July 2011
9
M9999-071311-A
Typical Characteristics (Continued)
Efficiency (VIN = 12V)
vs. Output Current
50
55
60
65
70
75
80
85
90
95
100
02
4
68
10
1
OUTPUT CURRENT (A)
2
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
VIN = 12V
IC Power Dissipation
vs. Output Current
0.00
0.50
1.00
1.50
2.00
2.50
012
3
456
OUTPUT CURRENT (A)
V
IN = 12V
V
OUT = 0.8,V, 1.0V, 1.2V, 1.5V, 1.8V,2.5V, 3.3V, 5.0V
Die Temperature* (VIN = 12V)
vs. Output Current
0
20
40
60
80
100
02
35
689
OUTPUT CURRENT (A)
VIN = 12V
VOUT = 1.8V
Efficiency (VIN = 24V)
vs. Output Current
50
55
60
65
70
75
80
85
90
95
02
46
8
10
1
OUTPUT CURRENT (A)
2
VIN = 24V
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
VIN = 24V
IC Power Dissipation
vs. Output Current
0.00
0.50
1.00
1.50
2.00
2.50
3.00
012
3456
OUTPUT CURRENT (A)
V
IN = 12V
V
OUT = 0.8,V, 1.0V, 1.2V, 1.5V, 1.8V,2.5V, 3.3V, 5.0V
Die Temperature* (VIN = 24V)
vs. Output Current
0
20
40
60
80
100
02
35
689
OUTPUT CURRENT (A)
VIN = 24V
VOUT = 1.8V
Thermal Derating*
vs. Ambient Temperature
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
1.5V
0.8V
VIN = 5V
VOUT = 0.8, 1.2, 1.5V
Thermal Derating*
vs. Ambient Temperature
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
3.3V
1.8V
VIN = 5V
VOUT = 1.8, 2.5, 3.3V
Thermal Derating*
vs. Ambient Temperature
0
2
4
6
8
10
12
14
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE (°C)
VIN = 12V
VOUT = 0.8, 1.2, 1.8V
1.8V
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com