Electronic Components Datasheet Search
  English  ▼

X  

MIC26901 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC26901
Description  28V, 9A Hyper Speed Control??Synchronous DC/DC Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC26901 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC26901 Datasheet HTML 1Page - Micrel Semiconductor MIC26901 Datasheet HTML 2Page - Micrel Semiconductor MIC26901 Datasheet HTML 3Page - Micrel Semiconductor MIC26901 Datasheet HTML 4Page - Micrel Semiconductor MIC26901 Datasheet HTML 5Page - Micrel Semiconductor MIC26901 Datasheet HTML 6Page - Micrel Semiconductor MIC26901 Datasheet HTML 7Page - Micrel Semiconductor MIC26901 Datasheet HTML 8Page - Micrel Semiconductor MIC26901 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MIC26901
28V, 9A Hyper Speed Control
™
Synchronous DC/DC Buck Regulator
SuperSwitcher II
™
Hyper Speed Control, SuperSwitcher II, and Any Capacitor are trademarks of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The Micrel MIC26901 is a constant-frequency, synchronous
buck regulator featuring a unique adaptive on-time control
architecture. The MIC26901 operates over an input supply
range of 4.5V to 28V and provides a regulated output of up to
9A of output current. The output voltage is adjustable down to
0.8V with a guaranteed accuracy of ±1%, and the device
operates at a switching frequency of 600kHz.
Micrel’s Hyper Speed Control
™ architecture allows for ultra-
fast transient response while reducing the output capacitance
and also makes (High VIN)/(Low VOUT) operation possible.
This adaptive tON ripple control architecture combines the
advantages of fixed-frequency operation and fast transient
response in a single device.
The MIC26901 offers a full suite of protection features to
ensure protection of the IC during fault conditions. These
include undervoltage lockout to ensure proper operation
under power-sag conditions, internal soft-start to reduce
inrush current, foldback current limit, “hiccup mode” short-
circuit protection and thermal shutdown. An open-drain
Power Good (PG) pin is provided.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Features
•
Hyper Speed Control
™ architecture enables
-
High Delta V operation (VIN = 28V and VOUT = 0.8V)
-
Small output capacitance
•
4.5V to 28V voltage input
•
9A output current capability, up to 95% efficiency
•
Adjustable output from 0.8V to 5.5V
•
±1% feedback accuracy
•
Any Capacitor
™ stable -zero-to-high ESR
•
600kHz switching frequency
•
No external compensation
•
Power Good (PG) output
•
Foldback current-limit and “hiccup mode” short-circuit
protection
•
Supports safe startup into a pre-biased load
•
–40
°C to +125°C junction temperature range
•
28-pin 5mm
× 6mm MLF® package
Applications
•
Distributed power systems
•
Communications/networking infrastructure
•
Set-top box, gateways and routers
•
Printers, scanners, graphic cards and video cards
___________________________________________________________________________________________________________
Typical Application
Efficiency (VIN = 12V)
vs. Output Current
50
55
60
65
70
75
80
85
90
95
100
02
46
8
10
1
OUTPUT CURRENT (A)
2
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
VIN = 12V
July 2011
M9999-071311-A


Similar Part No. - MIC26901

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC26901 MICROCHIP-MIC26901 Datasheet
3Mb / 39P
28V, 9A Hyper Speed Control® Synchronous DC/DC
January 2026
MIC26901YJL-TR MICROCHIP-MIC26901YJL-TR Datasheet
3Mb / 39P
28V, 9A Hyper Speed Control® Synchronous DC/DC
January 2026
More results

Similar Description - MIC26901

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC261201 MICREL-MIC261201 Datasheet
1Mb / 30P
28V, 12A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26903 MICREL-MIC26903 Datasheet
855Kb / 31P
28V, 9A Hyper Light Load Synchronous DC/DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA Datasheet
1Mb / 28P
28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26903ZA MICREL-MIC26903ZA Datasheet
1Mb / 28P
28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26903ZA MICREL-MIC26903ZA_14 Datasheet
1Mb / 29P
28V, 9A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA_14 Datasheet
1Mb / 29P
28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
logo
Microchip Technology
MIC261201 MICROCHIP-MIC261201 Datasheet
2Mb / 40P
28V, 12A Hyper Speed Control짰 Synchronous DC/DC Buck Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com