Electronic Components Datasheet Search
  English  ▼

X  

MIC26901 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC26901
Description  28V, 9A Hyper Speed Control??Synchronous DC/DC Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC26901 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC26901 Datasheet HTML 11Page - Micrel Semiconductor MIC26901 Datasheet HTML 12Page - Micrel Semiconductor MIC26901 Datasheet HTML 13Page - Micrel Semiconductor MIC26901 Datasheet HTML 14Page - Micrel Semiconductor MIC26901 Datasheet HTML 15Page - Micrel Semiconductor MIC26901 Datasheet HTML 16Page - Micrel Semiconductor MIC26901 Datasheet HTML 17Page - Micrel Semiconductor MIC26901 Datasheet HTML 18Page - Micrel Semiconductor MIC26901 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Micrel, Inc.
MIC26901
July 2011
15
M9999-071311-A
Functional Description
The MIC26901 is an adaptive ON-time synchronous
step-down DC/DC regulator with an internal 5V linear
regulator and a Power Good (PG) output. It is designed
to operate over a wide input voltage range from 4.5V to
28V and provides a regulated output voltage at up to 7A
of output current. An adaptive ON-time control scheme is
employed in to obtain a constant switching frequency
and to simplify the control compensation. Over-current
protection is implemented without the use of an external
sense resistor. The device includes an internal soft-start
function which reduces the power supply input surge
current at start-up by controlling the output voltage rise
time.
Theory of Operation
The MIC26901 operates in a continuous mode as shown
in Figure 1.
Continuous Mode
In continuous mode, the output voltage is sensed by the
MIC26901 feedback pin FB via the voltage divider R1
and R2, and compared to a 0.8V reference voltage VREF
at
the
error
comparator
through
a
low
gain
transconductance (gm) amplifier. If the feedback voltage
decreases and the output of the gm amplifier is below
0.8V, then the error comparator will trigger the control
logic and generate an ON-time period. The ON-time
period length is predetermined by the “FIXED tON
ESTIMATION” circuitry:
600kHz
V
V
t
IN
OUT
ed)
ON(estimat
×
=
Eq. 1
where VOUT is the output voltage and VIN is the power
stage input voltage.
At the end of the ON-time period, the internal high-side
driver turns off the high-side MOSFET and the low-side
driver turns on the low-side MOSFET. The OFF-time
period length depends upon the feedback voltage in
most cases. When the feedback voltage decreases and
the output of the gm amplifier is below 0.8V, the ON-time
period is triggered and the OFF-time period ends. If the
OFF-time period determined by the feedback voltage is
less than the minimum OFF-time tOFF(min), which is about
300ns, the MIC26901 control logic will apply the tOFF(min)
instead. tOFF(min) is required to maintain enough energy in
the boost capacitor (CBST) to drive the high-side
MOSFET.
The maximum duty cycle is obtained from the 300ns
tOFF(min):
S
S
OFF(min)
S
max
t
300ns
1
t
t
t
D
−
=
−
=
Eq. 2
where tS = 1/600kHz = 1.66μs.
It is not recommended to use MIC26901 with a OFF-time
close to tOFF(min) during steady-state operation. Also, as
VOUT increases, the internal ripple injection will increase
and reduce the line regulation performance. Therefore,
the maximum output voltage of the MIC26901 should be
limited to 5.5V and the maximum external ripple injection
should be limited to 200mV. Please refer to “Setting
Output Voltage” subsection in Application Information for
more details.
The actual ON-time and resulting switching frequency
will vary with the part-to-part variation in the rise and fall
times of the internal MOSFETs, the output load current,
and variations in the VDD voltage. Also, the minimum tON
results in a lower switching frequency in high VIN to VOUT
applications, such as 24V to 1.0V. The minimum tON
measured on the MIC26901 evaluation board is about
100ns. During load transients, the switching frequency is
changed due to the varying OFF-time.
To illustrate the control loop operation, we will analyze
both the steady-state and load transient scenarios.
Figure 2 shows the MIC26901 control loop timing during
steady-state operation. During steady-state, the gm
amplifier senses the feedback voltage ripple, which is
proportional to the output voltage ripple and the inductor
current ripple, to trigger the ON-time period. The ON-
time is predetermined by the tON estimator. The
termination of the OFF-time is controlled by the feedback
voltage. At the valley of the feedback voltage ripple,
which occurs when VFB falls below VREF, the OFF period
ends and the next ON-time period is triggered through
the control logic circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com