Electronic Components Datasheet Search
  English  ▼

X  

MIC26901 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC26901
Description  28V, 9A Hyper Speed Control??Synchronous DC/DC Buck Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC26901 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC26901 Datasheet HTML 1Page - Micrel Semiconductor MIC26901 Datasheet HTML 2Page - Micrel Semiconductor MIC26901 Datasheet HTML 3Page - Micrel Semiconductor MIC26901 Datasheet HTML 4Page - Micrel Semiconductor MIC26901 Datasheet HTML 5Page - Micrel Semiconductor MIC26901 Datasheet HTML 6Page - Micrel Semiconductor MIC26901 Datasheet HTML 7Page - Micrel Semiconductor MIC26901 Datasheet HTML 8Page - Micrel Semiconductor MIC26901 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Micrel, Inc.
MIC26901
July 2011
4
M9999-071311-A
Absolute Maximum Ratings
(1,2)
PVIN to PGND................................................ −0.3V to +29V
VIN to PGND ....................................................−0.3V to PVIN
PVDD, VDD to PGND......................................... −0.3V to +6V
VSW, VCS to PGND ..............................−0.3V to (PVIN +0.3V)
VBST to VSW ........................................................ −0.3V to 6V
VBST to PGND .................................................. −0.3V to 35V
VFB, VPG to PGND...............................−0.3V to (VDD + 0.3V)
VEN to PGND ........................................ −0.3V to (VIN +0.3V)
PGND to SGND ...........................................
−0.3V to +0.3V
Junction Temperature .............................................. +150°C
Storage Temperature (TS).........................−65°C to +150°C
Lead Temperature (soldering, 10sec)........................ 260°C
Operating Ratings
(3)
Supply Voltage (PVIN, VIN)............................... 4.5V to 28V
PVDD, VDD Supply Voltage (PVDD, VDD)......... 4.5V to 5.5V
Enable Input (VEN).................................................. 0V to VIN
Junction Temperature (TJ) ........................ −40°C to +125°C
Maximum Power Dissipation......................................Note 4
Package Thermal Resistance
(4)
5mm x 6mm MLF
®(θJA) .....................................28°C/W
Electrical Characteristics
(5)
PVIN = VIN = VEN = 12V, VBST – VSW = 5V; TA = 25°C, unless noted. Bold values indicate −40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
Input Voltage Range (VIN, PVIN)
4.5
28
V
Quiescent Supply Current
VFB = 1.5V (non-switching)
730
1500
µA
Shutdown Supply Current
VEN = 0V
5
10
µA
VDD Supply Voltage
VDD Output Voltage
VIN = 7V to 28V, IDD = 40mA
4.8
5
5.4
V
VDD UVLO Threshold
VDD Rising
3.7
4.2
4.5
V
VDD UVLO Hysteresis
400
mV
Dropout Voltage (VIN – VDD)
IDD = 25mA
380
600
mV
DC-DC Controller
Output-Voltage Adjust Range
(VOUT)
0.8
5.5
V
Reference
0
°C ≤ TJ ≤ 85°C (±1.0%)
0.792
0.8
0.808
−40°C ≤ TJ ≤ 125°C (±1.5%)
0.788
0.8
0.812
V
Load Regulation
IOUT = 0A to 9A (Continuous Mode)
0.25
%
Line Regulation
VIN = 4.5V to 28V
0.25
%
FB Bias Current
VFB = 0.8V
50
nA
Enable Control
EN Logic Level High
1.8
V
EN Logic Level Low
0.6
V
EN Bias Current
VEN = 12V
6
30
µA
Oscillator
Switching Frequency
(6)
VFB = 0V
450
600
750
kHz
Maximum Duty Cycle
(7)
VFB = 1.0V
82
%
Minimum Duty Cycle
0
%
Minimum Off-Time
300
Ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com