Electronic Components Datasheet Search
  English  ▼

X  

HMC616LP3 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC616LP3
Description  GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC616LP3 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC616LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 4
Power Compression @ 500 MHz [1]
HMC616LP3 / 616LP3E
v02.0610
GaAs SMT PHEMT LOW NOISE
AMPLIFIER, 175 - 660 MHz
Power Compression @ 500 MHz [2]
Power Compression @ 400 MHz [1]
Power Compression @ 400 MHz [2]
[1] Vdd = 5V [2] Vdd = 3V
Gain, Power & Noise Figure
vs. Supply Voltage @ 400 MHz
Gain, Power & Noise Figure
vs. Supply Voltage @ 500 MHz
14
16
18
20
22
24
0
0.2
0.4
0.6
0.8
1
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
GAIN
P1dB
Noise Figure
SUPPLY VOLTAGE (V)
14
16
18
20
22
24
0
0.2
0.4
0.6
0.8
1
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
GAIN
P1dB
Noise Figure
SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
35
40
45
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
Pout
Gain
PAE
INPUT POWER (dBm)
0
5
10
15
20
25
30
35
40
45
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
Pout
Gain
PAE
INPUT POWER (dBm)
0
5
10
15
20
25
30
35
40
45
-18
-16
-14
-12
-10
-8
-6
-4
-2
Pout
Gain
PAE
INPUT POWER (dBm)
0
5
10
15
20
25
30
35
40
45
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
Pout
Gain
PAE
INPUT POWER (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com