Electronic Components Datasheet Search
  English  ▼

X  

HMC616LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC616LP3
Description  GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC616LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC616LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
HMC616LP3 / 616LP3E
GaAs SMT PHEMT LOW NOISE
AMPLIFIER, 175 - 660 MHz
v02.0610
General Description
Features
Functional Diagram
low Noise figure: 0.5 dB
High Gain: 24 dB
High output ip3: +37 dBm
single supply: +3V to +5V
50 ohm matched input/output
16 lead 3x3mm QfN package: 9 mm2
Typical Applications
The HmC616lp3(e) is ideal for:
• Cellular/3G and lTe/wimAX/4G
• BTs & infrastructure
• repeaters and femtocells
• public safety radio
• DAB receivers
Electrical Specifications, T
A = +25° C, Rbias = 3.92k Ohms*
parameter
Vdd = +3V
Vdd = +5V
Units
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
frequency range
175 - 230
230 - 660
175 - 230
230 - 660
mHz
Gain
20
22.5
15
20
21
24
15
21
dB
Gain Variation over Temperature
0.002
0.005
dB/ °C
Noise figure
0.5
0.8
0.5
0.8
0.5
0.8
0.5
0.8
dB
input return loss
10
16
12
14
dB
output return loss
9
10
9
10
dB
output power for 1 dB
Compression (p1dB)
8
11
10
15
11
15
14
19
dBm
saturated output power (psat)
8.5
13
11
15.5
12.5
17.5
15.5
19.5
dBm
output Third order intercept (ip3)
20
30
32
37
dBm
supply Current (idd)
30
45
30
45
90
115
90
115
mA
* rbias resistor sets current, see application circuit herein
The HmC616lp3(e) is a GaAs pHemT mmiC
low Noise Amplifier that is ideal for Cellular/3G and
lTe/wimAX/4G
basestation
front-end
receivers
operating between 175 and 660 mHz. The amplifier
has been optimized to provide 0.5 dB noise figure,
24 dB gain and +37 dBm output ip3 from a single
supply of +5V. input and output return losses are
excellent with minimal external matching and bias
decoupling components. The HmC616lp3(e) shares
the same package and pinout with the HmC617-
lp3(e) and HmC618lp3(e) lNAs. The HmC616lp3(e)
can be biased with +3V to +5V and features an
externally adjustable supply current which allows
the designer to tailor the linearity performance of the
lNA for each application. The HmC616lp3(e) offers
improved noise figure versus the previously released
HmC356lp3(e).


Similar Part No. - HMC616LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC616LP3 HITTITE-HMC616LP3 Datasheet
351Kb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
HMC616LP3E HITTITE-HMC616LP3E Datasheet
351Kb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
More results

Similar Description - HMC616LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC616LP3 HITTITE-HMC616LP3 Datasheet
351Kb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
HMC758LP3 HITTITE-HMC758LP3 Datasheet
403Kb / 8P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
HMC816LP4E HITTITE-HMC816LP4E Datasheet
452Kb / 8P
SMT GaAs PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 230 - 660 MHz
HMC758LP3 HITTITE-HMC758LP3_10 Datasheet
1Mb / 8P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 700 - 2200 MHz
HMC816LP4E HITTITE-HMC816LP4E_10 Datasheet
1Mb / 8P
SMT GaAs pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 230 - 660 MHz
HMC817LP4E HITTITE-HMC817LP4E_10 Datasheet
1Mb / 8P
SMT GaAs pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 550 - 1200 MHz
logo
Analog Devices
HMC341LC3B AD-HMC341LC3B Datasheet
333Kb / 6P
SMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC564LC4 AD-HMC564LC4 Datasheet
1Mb / 7P
GaAs SMT pHEMT LOW NOISE AMPLIFIER
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER
HMC618ALP3E AD-HMC618ALP3E Datasheet
865Kb / 14P
GaAs SMT pHEMT LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com