Electronic Components Datasheet Search
  English  ▼

X  

HMC616LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC616LP3
Description  GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC616LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC616LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 5
HMC616LP3 / 616LP3E
v02.0610
GaAs SMT PHEMT LOW NOISE
AMPLIFIER, 175 - 660 MHz
Gain Low Frequency Tune [1]
Input Return Loss Low Frequency Tune [1]
Output Return Loss Low Frequency Tune [1]
Output IP3 Low Frequency Tune [1]
P1dB Low Frequency Tune [1]
Noise Figure Low Frequency Tune [1] [2]
14
16
18
20
22
24
26
0.15
0.175
0.2
0.225
0.25
Vdd=3V
Vdd=5V
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
0.15
0.175
0.2
0.225
0.25
Vdd=5V
Vdd=3V
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
0.15
0.175
0.2
0.225
0.25
Vdd=5V
Vdd=3V
FREQUENCY (GHz)
8
10
12
14
16
18
20
22
0.15
0.175
0.2
0.225
0.25
Vdd=5V
vdd=3V
FREQUENCY (GHz)
16
20
24
28
32
36
40
0.15
0.175
0.2
0.225
0.25
Vdd=5V
Vdd=3V
FREQUENCY (GHz)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.15
0.175
0.2
0.225
0.25
Vdd=5V
Vdd=3V
FREQUENCY (GHz)
[1] rbias = 2kΩ, l1 = 82 nH, l2 = 82 nH [2] measurement reference plane shown on evaluation pCB drawing.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com