Electronic Components Datasheet Search
  English  ▼

X  

GS1503B Datasheet(PDF) 79 Page - Gennum Corporation

Part # GS1503B
Description  HD Embedded Audio CODEC Data Sheet
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1503B Datasheet(HTML) 79 Page - Gennum Corporation

Back Button GS1503B Datasheet HTML 75Page - Gennum Corporation GS1503B Datasheet HTML 76Page - Gennum Corporation GS1503B Datasheet HTML 77Page - Gennum Corporation GS1503B Datasheet HTML 78Page - Gennum Corporation GS1503B Datasheet HTML 79Page - Gennum Corporation GS1503B Datasheet HTML 80Page - Gennum Corporation GS1503B Datasheet HTML 81Page - Gennum Corporation GS1503B Datasheet HTML 82Page - Gennum Corporation GS1503B Datasheet HTML 83Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
GS1503B HD Embedded Audio CODEC
Data Sheet
37953 - 1
December 2009
79 of 90
DATAIDB[1:0]
Ch5-8 audio group DID setting. Designates the
audio group DID for audio channels 5 to 8. See
Table 5-19. When CASCADE (external pin or
register) is set LOW, the default setting is audio
group 2. When CASCADE is set HIGH, the default
setting is audio group 4.
014
3-2
R/W
10b
DATAIDA[1:0]
Ch1-4 audio group DID setting. Designates the
audio group DID for audio channels 1 to 4. See
Table 5-19. When CASCADE (external pin or
register) is set LOW, the default setting is audio
group 1. When CASCADE is set HIGH, the default
setting is audio group 3.
014
1-0
R/W
11b
DBNB_ERR
Ch5-8 audio data packet DBN error. When set
HIGH, a Data Block Number error has been
detected in the audio data packet for audio
channels 5 to 8.
015
7
R
0
ADPB8B_ERR
Ch5-8 audio data packet 'bit 8' error. When set
HIGH, a 'bit 8' error has been detected in the
audio data packet for audio channels 5 to 8.
015
6R
0
ECCB_ERR
Ch5-8 audio data packet error. When set HIGH,
an error has been detected in the audio data
packet for audio channels 5 to 8, based on the six
ECC words.
015
5R
0
ADPCSB_ERR
Ch5-8 audio data packet CS error. When set
HIGH, a Checksum error has been detected with
the audio data packet for audio channels 5 to 8.
015
4R
0
DBNA_ERR
Ch1-4 audio data packet DBN error.
When set HIGH, a Data Block Number error has
been detected in the audio data packet for audio
channels 1 to 4.
015
3R
0
ADPB8A_ERR
Ch1-4 audio data packet 'bit 8' error.
When set HIGH, a 'bit 8' error has been detected
in the audio data packet for audio channels 1 to
4.
015
2R
0
ECCA_ERR
Ch1-4 audio data packet error. When set HIGH,
an error has been detected in the audio data
packet for audio channels 1 to 4, based on the six
ECC words.
015
1R
0
ADPCSA_ERR
Ch1-4 audio data packet CS error. When set
HIGH, a Checksum error has been detected with
the audio data packet for audio channels 1 to 4.
015
0R
0
CORRECTB
[11:0]
Ch5-8 ECC correctable packets. Designates the
number of audio data packets for channels 5 to 8
that have been corrected in one video frame
using the BCH forward error correction system.
016
017
3-0
7-0
R0
Table 5-29: Demultiplex Mode Host Interface Registers (Continued)
Control
Item
Name
Description
Address
Bit
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com