Electronic Components Datasheet Search
  English  ▼

X  

GS1503B Datasheet(PDF) 39 Page - Gennum Corporation

Part # GS1503B
Description  HD Embedded Audio CODEC Data Sheet
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1503B Datasheet(HTML) 39 Page - Gennum Corporation

Back Button GS1503B Datasheet HTML 35Page - Gennum Corporation GS1503B Datasheet HTML 36Page - Gennum Corporation GS1503B Datasheet HTML 37Page - Gennum Corporation GS1503B Datasheet HTML 38Page - Gennum Corporation GS1503B Datasheet HTML 39Page - Gennum Corporation GS1503B Datasheet HTML 40Page - Gennum Corporation GS1503B Datasheet HTML 41Page - Gennum Corporation GS1503B Datasheet HTML 42Page - Gennum Corporation GS1503B Datasheet HTML 43Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
GS1503B HD Embedded Audio CODEC
Data Sheet
37953 - 1
December 2009
39 of 90
4.10.2 Audio Control Packet DID Setting
To multiplex audio control packets for audio channels 1 to 4 (inputs AIN1/2 and AIN3/4),
the CTRONA bit 2 of Host Interface register 02Fh must be set HIGH. To multiplex audio
control packets for audio channels 5 to 8 (inputs AIN5/6 and AIN7/8), the CTRONB bit 2
of Host Interface register 020h must be set HIGH.
The audio control packet group DID for audio input channels 1 to 4 is set in CTRIDA[1:0]
bits 1-0 of Host Interface register 02Fh. The audio control packet group DID for audio
input channels 5 to 8 is set in CTRIDB[1:0] bits 3-2 of Host Interface register 020h.
Table 4-30 shows the 2-bit Host Interface setting for the corresponding audio control
packet group DID.
When CASCADE is set LOW (external pin or register), the GS1503B will default to audio
groups 1 and 2, where the audio control packet for AIN1/2 and AIN3/4 will be
multiplexed with group 1 DID, and AIN5/6 and AIN7/8 with group 2 DID.
Control packet data can be programmed via the corresponding registers in the Host
Interface.
Table 4-29: Audio Control Packet Word Descriptions
Name
No of Words
Description
Data
Auto-Generation
ADF
3
Ancillary Data Flag
000h
3FFh
3FFh
Yes
DID
1
Audio Group Data ID
1E3h
2E2h
2E1h
1E0h
See Table 4-30 in
Section 5.8.2
DBN
1
Data Block Number
200h
Yes
DC
1
Data Count
10Bh
Yes
AF
1
Audio Frame Number
–
9-bit Host Interface
Setting
RATE
1
Sampling Frequency
–
4-bit Host Interface
Setting
ACT
1
Active Channel
–
CHACT[7:0] setting
DEL1-2
3
Ch1/2 Delay Data
–
26-bit Host Interface
setting
DEL3-4
3
Ch3/4 Delay Data
–
26-bit Host Interface
setting
RSRV
2
Reserved Words
200h
18-bit Host Interface
setting
CS
1
Checksum. Calculates
the sum of lower 9 bits
of 15 words from DID
–Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com