Electronic Components Datasheet Search
  English  ▼

X  

GS1503B Datasheet(PDF) 21 Page - Gennum Corporation

Part # GS1503B
Description  HD Embedded Audio CODEC Data Sheet
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1503B Datasheet(HTML) 21 Page - Gennum Corporation

Back Button GS1503B Datasheet HTML 17Page - Gennum Corporation GS1503B Datasheet HTML 18Page - Gennum Corporation GS1503B Datasheet HTML 19Page - Gennum Corporation GS1503B Datasheet HTML 20Page - Gennum Corporation GS1503B Datasheet HTML 21Page - Gennum Corporation GS1503B Datasheet HTML 22Page - Gennum Corporation GS1503B Datasheet HTML 23Page - Gennum Corporation GS1503B Datasheet HTML 24Page - Gennum Corporation GS1503B Datasheet HTML 25Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
GS1503B HD Embedded Audio CODEC
Data Sheet
37953 - 1
December 2009
21 of 90
4.3.3 10-bit or 8-bit Y and Cb/Cr Input Without TRS and Line Numbers
The GS1503B will insert TRS and Line Numbers based on EXTF and EXTH inputs. See
Figure 4-6 for timing. In progressive format video standards, a high-to-low edge signal
must be input at the EXTF external pin on every frame to indicate the position of line 1.
See Figure 4-7.
Figure 4-5: Configuration for 10-bit or 8-bit Y and Cb/Cr Input Video without
TRS and Line Numbers
Figure 4-6: Video Input Format (8/10-bit without TRS and Line Numbers)
Figure 4-7: 15 Video Input Format (Progressive)
Y[9:0]
C
b
/C
r
[9:0]
VIN[19:10]
VIN[9:0]
DSCBYPASS
EXTF
EXTH
GS1503B
+3.3V
Y, Cb/C r
Video
4 VCLK
EXTH
EXTF
Y, C b/C r
Video
4 VCLK
EXTH
EXTF
Line 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com