Electronic Components Datasheet Search
  English  ▼

X  

GS1503B Datasheet(PDF) 86 Page - Gennum Corporation

Part # GS1503B
Description  HD Embedded Audio CODEC Data Sheet
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1503B Datasheet(HTML) 86 Page - Gennum Corporation

Back Button GS1503B Datasheet HTML 82Page - Gennum Corporation GS1503B Datasheet HTML 83Page - Gennum Corporation GS1503B Datasheet HTML 84Page - Gennum Corporation GS1503B Datasheet HTML 85Page - Gennum Corporation GS1503B Datasheet HTML 86Page - Gennum Corporation GS1503B Datasheet HTML 87Page - Gennum Corporation GS1503B Datasheet HTML 88Page - Gennum Corporation GS1503B Datasheet HTML 89Page - Gennum Corporation GS1503B Datasheet HTML 90Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 86 / 90 page
background image
GS1503B HD Embedded Audio CODEC
Data Sheet
37953 - 1
December 2009
86 of 90
6. Using the GS1503B with the GS4911B or GS4910B
In Serial Audio multiplex mode, the GS4911B or GS4901B can be used to provide clocks
for the input audio. Figure 6-1 shows this arrangement.
Figure 6-1: Using the GS1503B with the GS4911B or GS4910B in Serial Audio
Mode
GS1503B
VIN[19:0]
PCLK
ACLKA
WCINA
AIN1/2
GS49X1B
ACLK1
HV F
PCLK (74.25MHz)
Video Data
ACLKA (128fs)
WCLKA (48kHz)
AIN1/2
AIN3/4
ACLKB
WCINB
AIN5/6
AIN7/8
AIN3/4
AIN5/6
AIN7/8
ACLKB (128fs)
WCLKB (48kHz)
Audio
Chain
ACLK2
ACLK3
Video
Chain
SCLK (128fs)
MCLK (256fs)*
WCLK (48kHz)
*Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com