Electronic Components Datasheet Search
  English  ▼

X  

GS9060-CF Datasheet(PDF) 45 Page - Gennum Corporation

Part # GS9060-CF
Description  HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9060-CF Datasheet(HTML) 45 Page - Gennum Corporation

Back Button GS9060-CF Datasheet HTML 41Page - Gennum Corporation GS9060-CF Datasheet HTML 42Page - Gennum Corporation GS9060-CF Datasheet HTML 43Page - Gennum Corporation GS9060-CF Datasheet HTML 44Page - Gennum Corporation GS9060-CF Datasheet HTML 45Page - Gennum Corporation GS9060-CF Datasheet HTML 46Page - Gennum Corporation GS9060-CF Datasheet HTML 47Page - Gennum Corporation GS9060-CF Datasheet HTML 48Page - Gennum Corporation GS9060-CF Datasheet HTML 49Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
GS9060 Data Sheet
22208 - 8
January 2007
45 of 61
3.10.5.3 Lock Error Detection
The LOCKED pin of the GS9060 indicates the lock status of the reclocker and lock
detect blocks of the device. Only when the LOCKED pin is asserted HIGH has the
device correctly locked to the received data stream, Section 3.6 on page 28.
The GS9060 will also indicate lock error to the host interface when LOCKED =
LOW by setting the LOCK_ERR bit in the ERROR_STATUS register HIGH.
Table 3-12: Host Interface Description for EDH Calculation Range Registers
Register Name
Bit
Name
Description
R/W
Default
AP_LINE_START_F0
Address: 12h
15-10
Not Used
9-0
AP_LINE_START_F0[9:0]
Field 0 Active Picture start line data used to set
EDH calculation range outside of SMPTE RP
165 values.
R/W
0
AP_LINE_END_F0
Address: 13h
15-10
Not Used
9-0
AP_LINE_END_F0[9:0]
Field 0 Active Picture end line data used to set
EDH calculation range outside of SMPTE RP
165 values.
R/W
0
AP_LINE_START_F1
Address: 14h
15-10
Not Used
9-0
AP_LINE_START_F1[9:0]
Field 1 Active Picture end line data used to set
EDH calculation range outside of SMPTE RP
165 values.
R/W
0
AP_LINE_END_F1
Address: 15h
15-10
Not Used
9-0
AP_LINE_END_F1[9:0]
Field 1 Active Picture end line data used to set
EDH calculation range outside of SMPTE RP
165 values.
R/W
0
FF_LINE_START_F0
Address: 16h
15-10
Not Used
9-0
FF_LINE_START_F0[9:0]
Field 0 Full Field start line data used to set EDH
calculation range outside of SMPTE RP 165
values.
R/W
0
FF_LINE_END_F0
Address: 17h
15-10
Not Used
9-0
FF_LINE_END_F0[9:0]
Field 0 Full Field start line data used to set
EDH calculation range outside of SMPTE RP
165 values.
R/W
0
FF_LINE_START_F1
Address: 18h
15-10
Not Used
9-0
FF_LINE_START_F1[9:0]
Field 1 Full Field start line data used to set EDH
calculation range outside of SMPTE RP 165
values.
R/W
0
FF_LINE_END_F1
Address: 19h
15-10
Not Used
9-0
FF_LINE_END_F1[9:0]
Field 1 Full Field end line data used to set EDH
calculation range outside of SMPTE RP 165
values.
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com