Electronic Components Datasheet Search
  English  ▼

X  

GS9060-CF Datasheet(PDF) 41 Page - Gennum Corporation

Part # GS9060-CF
Description  HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9060-CF Datasheet(HTML) 41 Page - Gennum Corporation

Back Button GS9060-CF Datasheet HTML 37Page - Gennum Corporation GS9060-CF Datasheet HTML 38Page - Gennum Corporation GS9060-CF Datasheet HTML 39Page - Gennum Corporation GS9060-CF Datasheet HTML 40Page - Gennum Corporation GS9060-CF Datasheet HTML 41Page - Gennum Corporation GS9060-CF Datasheet HTML 42Page - Gennum Corporation GS9060-CF Datasheet HTML 43Page - Gennum Corporation GS9060-CF Datasheet HTML 44Page - Gennum Corporation GS9060-CF Datasheet HTML 45Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
GS9060 Data Sheet
22208 - 8
January 2007
41 of 61
3.10.4.2 Data Format Indication
The data format codes will be reported in the DATA_FORMAT[3:0] bits of the
VIDEO_STANDARD register. These codes represent the data formats listed in
Table 3-9.
The DATA_FORMAT[3:0] bits of the VIDEO_STANDARD register will default to
'Fh' after device reset. These bits will also default to 'Fh' if the device loses lock to
the input data stream, (LOCKED = LOW), or if Data-Through mode is enabled,
Section 3.9 on page 36.
Table 3-8: Supported Video Standards
VD_STD[4:0]
SMPTE
Standard
Video Format
Length Of
HANC
Length Of
Active Video
Total
Samples
SMPTE352M
Lines
16h
125M
1440x487/60 (2:1)
(Or dual link progressive)
268
1440
1716
13, 276
17h
125M
1440x507/60 (2:1)
268
1440
1716
13, 276
19h
125M
525-line 487 generic
–
–
1716
13, 276
1Bh
125M
525-line 507 generic
–
–
1716
13, 276
18h
ITU-R BT.656
1440x576/50 (2:1)
(Or dual link progressive)
280
1440
1728
9, 322
1Ah
ITU-R BT.656
625-line generic (EM)
–
–
1728
9, 322
1Eh
Unknown SD
–
–
–
–
–
00h-15h,
1Ch, 1Fh
Reserved
Table 3-9: Data Format Codes
Data_Format[3:0]
Data Format
Applicable Standards
0h
SDTI DVCPRO - No ECC
SMPTE 321M
1h
SDTI DVCPRO - ECC
SMPTE 321M
2h
SDTI DVCAM
SMPTE 322M
3h
SDTI CP
SMPTE 326M
4h
Other SDTI fixed block size
–
5h
Other SDTI variable block size
–
6h
SDI
–
7h
DVB-ASI
–
8h ~ Eh
Reserved
Fh
Unknown data format
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com