Electronic Components Datasheet Search
  English  ▼

X  

GS9060-CF Datasheet(PDF) 52 Page - Gennum Corporation

Part # GS9060-CF
Description  HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9060-CF Datasheet(HTML) 52 Page - Gennum Corporation

Back Button GS9060-CF Datasheet HTML 48Page - Gennum Corporation GS9060-CF Datasheet HTML 49Page - Gennum Corporation GS9060-CF Datasheet HTML 50Page - Gennum Corporation GS9060-CF Datasheet HTML 51Page - Gennum Corporation GS9060-CF Datasheet HTML 52Page - Gennum Corporation GS9060-CF Datasheet HTML 53Page - Gennum Corporation GS9060-CF Datasheet HTML 54Page - Gennum Corporation GS9060-CF Datasheet HTML 55Page - Gennum Corporation GS9060-CF Datasheet HTML 56Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
GS9060 Data Sheet
22208 - 8
January 2007
52 of 61
Figure 3-8: Gennum Serial Peripheral Interface (GSPI)
3.12.1 Command Word Description
The command word is transmitted MSB first and contains a read/write bit, nine
reserved bits and a 6-bit register address. Set R/W = '1' to read and R/W = '0' to
write from the GSPI.
Command words are clocked into the GS9060 on the rising edge of the serial clock
SCLK. The appropriate chip select, CS, signal must be asserted low a minimum of
1.5ns (t0 in Figure 3-11 and Figure 3-12) before the first clock edge to ensure
proper operation.
Each command word must be followed by only one data word to ensure proper
operation.
Figure 3-9: Command Word
Figure 3-10: Data Word
3.12.2 Data Read and Write Timing
Read and write mode timing for the GSPI interface is shown in Figure 3-11 and
Figure 3-12 respectively. The maximum SCLK frequency allowed is 6.6MHz.
When writing to the registers via the GSPI, the MSB of the data word may be
presented to SDIN immediately following the falling edge of the LSB of the
command word. All SDIN data is sampled on the rising edge of SCLK.
When reading from the registers via the GSPI, the MSB of the data word will be
available on SDOUT 12ns (t5 in Figure 3-11) following the falling edge of the LSB
of the command word, and thus may be read by the host on the very next rising
edge of the clock. The remaining bits are clocked out by the GS9060 on the
negative edges of SCLK.
SCLK
CS
SDOUT
SDIN
SCLK
CS
SDIN
SDOUT
Application Host
GS9060
R/W
RSV
RSV
RSV
A0
A1
A2
A3
A4
A5
RSV
RSV
RSV
RSV
RSV
RSV
MSB
LSB
D15
D14
D13
D12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com