Electronic Components Datasheet Search
  English  ▼

X  

GS9060-CF Datasheet(PDF) 49 Page - Gennum Corporation

Part # GS9060-CF
Description  HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9060-CF Datasheet(HTML) 49 Page - Gennum Corporation

Back Button GS9060-CF Datasheet HTML 45Page - Gennum Corporation GS9060-CF Datasheet HTML 46Page - Gennum Corporation GS9060-CF Datasheet HTML 47Page - Gennum Corporation GS9060-CF Datasheet HTML 48Page - Gennum Corporation GS9060-CF Datasheet HTML 49Page - Gennum Corporation GS9060-CF Datasheet HTML 50Page - Gennum Corporation GS9060-CF Datasheet HTML 51Page - Gennum Corporation GS9060-CF Datasheet HTML 52Page - Gennum Corporation GS9060-CF Datasheet HTML 53Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
GS9060 Data Sheet
22208 - 8
January 2007
49 of 61
3.11 Parallel Data Outputs
Data outputs leave the device on the rising edge of PCLK as shown in Figure 3-7.
The data may be scrambled or unscrambled, framed or unframed, and may be
presented in 10-bit or 20-bit format. The output data bus width is controlled
independently from the internal data bus width by the 20bit/10bit input pin.
Likewise, the output data format is defined by the setting of the external
SMPTE_BYPASS and DVB_ASI pins. Recall that these pins are set by the
application layer as inputs to the device.
3.11.1 Parallel Data Bus Buffers
The parallel data outputs of the GS9060 are driven by high-impedance buffers
which support both LVTTL and LVCMOS levels. These buffers use a separate
power supply of +3.3V DC supplied via the IO_VDD and IO_GND pins.
All output buffers, including the PCLK output, may be driven to a high-impedance
state if the RESET_TRST signal is asserted LOW.
Table 3-14: Host Interface Description for EDH Flag Register
Register
Name
Bit
Name
Description
R/W
Default
EDH_FLAG
Address: 03h
15
Not Used
14
ANC-UES out
Ancillary Unknown Error Status Flag.
R
0
13
ANC-IDA out
Ancillary Internal device error Detected Already Flag.
R
0
12
ANC-IDH out
Ancillary Internal device error Detected Here Flag.
R
0
11
ANC-EDA out
Ancillary Error Detected Already Flag.
R
0
10
ANC-EDH out
Ancillary Error Detected Here Flag.
R
0
9
FF-UES out
Full Field Unknown Error Status Flag.
R
0
8
FF-IDA out
Full Field Internal device error Detected Already Flag.
R
0
7
FF-IDH out
Full Field Internal device error Detected Here Flag.
R
0
6
FF-EDA out
Full Field Error Detected Already Flag.
R
0
5
FF-EDH out
Full Field Error Detected Here Flag.
R
0
4
AP-UES out
Active Picture Unknown Error Status Flag.
R
0
3
AP-IDA out
Active Picture Internal device error Detected Already Flag.
R
0
2
AP-IDH out
Active Picture Internal device error Detected Here Flag.
R
0
1
AP-EDA out
Active Picture Error Detected Already Flag.
R
0
0
AP-EDH out
Active Picture Error Detected Here Flag.
R
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com