Electronic Components Datasheet Search
  English  ▼

X  

MSL2041 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MSL2041
Description  Low-cost, Simple 4-string LED Drivers with External Current Sink MOSFETs, 5000:1 Dimming Range and Per String PWM Input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL2041 Datasheet(HTML) 2 Page - ATMEL Corporation

  MSL2041 Datasheet HTML 1Page - ATMEL Corporation MSL2041 Datasheet HTML 2Page - ATMEL Corporation MSL2041 Datasheet HTML 3Page - ATMEL Corporation MSL2041 Datasheet HTML 4Page - ATMEL Corporation MSL2041 Datasheet HTML 5Page - ATMEL Corporation MSL2041 Datasheet HTML 6Page - ATMEL Corporation MSL2041 Datasheet HTML 7Page - ATMEL Corporation MSL2041 Datasheet HTML 8Page - ATMEL Corporation MSL2041 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Atmel LED Drivers-MSL2041/2042
General Description
The Atmel® LED Drivers-
MSL2041 and MSL2042
compact, high-power LED
string controllers use external
current control MOSFETs to
sink up to 1A per string, with
string current matching of
±0.5%. The MSL2041/2 drive
four parallel strings of LEDs
and offer fault detection and
management of open circuit
and short circuit LEDs. The
MSL2041 features four PWM
inputs that allow independent
frequency, dimming and
phasing of each string, while
the MSL2042 offers one
PWM input for frequency and
dimming control of all four
strings, and automatically
phase shifts the string drive
signals. Peak string currents
are set using current sense
(FET source) resistors and
adjustable with an internal
8-bit DAC.
Atmel LED Drivers-MSL2041/MSL2042
Low-cost, Simple 4-string LED Drivers with External Current Sink
MOSFETs, 5000:1 Dimming Range and Per String PWM Input
The MSL2041/2 adaptively control up to two DC-DC converters that power
the LED strings, using Atmel's Adaptive SourcePower™ technology. These
Efficiency Optimizers minimize power use while maintaining LED current
accuracy. Multiple MSL2041/2s cascade to automatically negotiate the
optimum power supply voltage when driving more than four strings from a
single power supply.
The MSL2041/2 features fault control for open-circuit strings, LED short-
circuits and device over-temperature conditions. When a string open-circuit or
LED short-circuit condition is detected, the MSL2041/2 turn off the faulty string
and pull the open-drain fault output low.
The MSL2041/2 feature stand-alone operation, and the basic circuit requires
just one to four external PWM dimming inputs. An I2C serial interface is
provided to allow optional control and monitoring of the various fault detection
and Adaptive SourcePower parameters, but is not required for operation.
The MSL2041/2 are offered in the 32-pin, 300mil SOP package, and operate
over the -40°C to +85°C temperature range.
Applications
• LCD-TVs
• PC Monitors
• Industrial Displays
• General Illumination
• Street-lighting
• Post-regulated or Offline Powered LED Strings
Ordering Information
PART NO.
PWM INPUTS
AUTO-PHASE
DELAY
PACKAGE
MSL2041GU
4
NO
32 pin, 300mil SOP
MSL2042GU
1
YES
32 pin, 300mil SOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com