Electronic Components Datasheet Search
  English  ▼

X  

MSL2041 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # MSL2041
Description  Low-cost, Simple 4-string LED Drivers with External Current Sink MOSFETs, 5000:1 Dimming Range and Per String PWM Input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL2041 Datasheet(HTML) 3 Page - ATMEL Corporation

  MSL2041 Datasheet HTML 1Page - ATMEL Corporation MSL2041 Datasheet HTML 2Page - ATMEL Corporation MSL2041 Datasheet HTML 3Page - ATMEL Corporation MSL2041 Datasheet HTML 4Page - ATMEL Corporation MSL2041 Datasheet HTML 5Page - ATMEL Corporation MSL2041 Datasheet HTML 6Page - ATMEL Corporation MSL2041 Datasheet HTML 7Page - ATMEL Corporation MSL2041 Datasheet HTML 8Page - ATMEL Corporation MSL2041 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Atmel LED Drivers-MSL2041/2042
Atmel LED Drivers-MSL2041/MSL2042
Atmel LED Drivers-MSL2041/MSL2042
Low-cost, Simple 4-string LED Drivers with External Current Sink
MOSFETs, 5000:1 Dimming Range and Per String PWM Input
Low-cost, Simple 4-string LED Drivers with External Current Sink
MOSFETs, 5000:1 Dimming Range and Per String PWM Input
Key Features
Application Circuit
• Drives Four Parallel High Power LED Strings
• Up to 1A LED String Current with External
N-channel MOSFETS
• Operates Stand-alone, Basic Circuit Needs Only
PWM Input(s)
• Four PWM Inputs Allow Individual Frequency,
Brightness and Phase Control of each LED String
(MSL2041)
• One PWM Input Controls the Frequency and
Brightness of the Automatically Phase Shifted
Strings (MSL2042)
• 8-bit Adaptive SourcePower™ Correction Optimizes
String Power Supply for Maximum Efficiency
• Multiple MSL2041/2s Share a String Supply and
Automatically Negotiate the Optimum Supply Voltage
• ±0.5% Current Matching Between Strings
• String Open-circuit and LED Short-Circuit Fault
Detection and Protection
• External MOSFETs Offer Flexibility of LEDs Used
in Each String
• I2C Serial Interface Allows Optional Control of
Device Functions and Faults
• 32-pin 300mil SOP Package
• -40°C To +85°C Operating Temperature Range
• Lead-Free, Halogen-free, RoHS Compliant Package
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com