Electronic Components Datasheet Search
  English  ▼

X  

MSL2041 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # MSL2041
Description  Low-cost, Simple 4-string LED Drivers with External Current Sink MOSFETs, 5000:1 Dimming Range and Per String PWM Input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL2041 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button MSL2041 Datasheet HTML 2Page - ATMEL Corporation MSL2041 Datasheet HTML 3Page - ATMEL Corporation MSL2041 Datasheet HTML 4Page - ATMEL Corporation MSL2041 Datasheet HTML 5Page - ATMEL Corporation MSL2041 Datasheet HTML 6Page - ATMEL Corporation MSL2041 Datasheet HTML 7Page - ATMEL Corporation MSL2041 Datasheet HTML 8Page - ATMEL Corporation MSL2041 Datasheet HTML 9Page - ATMEL Corporation MSL2041 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Atmel LED Drivers-MSL2041/2042
PIN
NAME
DESCRIPTION
MSL2041 MSL2042
19
19
G2
Gate output 2
Gate drive output for external MOSFET 2. Connect G2 to the gate of the external MOSFET
driving LED string 2. If unused, connect G2 to ground.
20
20
S2
Source sense input for string 2
Connect S2 to the source of the external MOSFET, and to the current sense resistor for
LED string 2. The full scale LED current is reached when 500mV is across the current sense
resistor. If unused, connect S2 to VDD.
21
21
S3
Source sense input for string 3
Connect S3 to the source of the external MOSFET, and to the current sense resistor for
LED string 3. The full scale LED current is reached when 500mV is across the current sense
resistor. If unused, connect S3 to VDD.
22
22
G3
Gate output 3
Gate drive output for external MOSFET 3. Connect G3 to the gate of the external MOSFET
driving LED string 3. If unused, connect G3 to ground.
23
23
D3
Drain sense input 3
Drain Sense Input for External MOSFET 3. Connect D3 through a resistor to the drain of the
external MOSFET driving LED string 3. If unused, connect D3 to ground.
25
25
VDD
2.5V internal LDO regulator output
VDD powers internal logic. Bypass VDD to GND with a 2.2µF ceramic capacitor placed close
to VDD.
26
26
CVDD
Connect to VDD
Connect CVDD to VDD.
27
27
VCC
5V internal LDO regulator output
VCC powers internal logic. Bypass VCC to GND with a 2.2µF ceramic capacitor placed close
to VCC.
28
28
VIN
Supply voltage input
Connect a 12V ±10% supply to VIN. Bypass VIN to GND with a 1.0µF ceramic capacitor.
29
29
GND
Power ground
Connect GND to system ground.
30
30
FBI2
Efficiency Optimizer feedback input 2
Connect FBI2 to FBO2 of the previous device when using the devices in a chain
configuration. If unused, connect FBI2 to ground.
31
31
FBO2
Efficiency Optimizer feedback output 2
Connect FBO2 to the feedback node of the second external string power supply through a
diode, or to FBI2 of the next device when operating the devices in a chain configuration. If
unused, leave FBO2 unconnected.
32
32
FBI1
Efficiency Optimizer feedback input 1
Connect FBI1 to FBO1 of the previous device when using the devices in a chain
configuration. If unused, connect FBI1 to ground.
-
3, 4, 5
CGND
Connect to ground
Connect all CGND pins to GND as close to the MSL2042 as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com