Electronic Components Datasheet Search
  English  ▼

X  

MSL2041 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # MSL2041
Description  Low-cost, Simple 4-string LED Drivers with External Current Sink MOSFETs, 5000:1 Dimming Range and Per String PWM Input
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL2041 Datasheet(HTML) 4 Page - ATMEL Corporation

  MSL2041 Datasheet HTML 1Page - ATMEL Corporation MSL2041 Datasheet HTML 2Page - ATMEL Corporation MSL2041 Datasheet HTML 3Page - ATMEL Corporation MSL2041 Datasheet HTML 4Page - ATMEL Corporation MSL2041 Datasheet HTML 5Page - ATMEL Corporation MSL2041 Datasheet HTML 6Page - ATMEL Corporation MSL2041 Datasheet HTML 7Page - ATMEL Corporation MSL2041 Datasheet HTML 8Page - ATMEL Corporation MSL2041 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Atmel LED Drivers-MSL2041/2042
Package and Pinout – SOP
Package Dimensions: 32 Pin 20.52mm x 7.49mm x 2.49mm SOP (1.27mm pin pitch)
•
•
FBO1 1
32 FBI1
FBO1 1
32 FBI1
EN 2
31 FBO2
EN 2
31 FBO2
PWM3 3
30 FBI2
CGND 3
30 FBI2
PWM2 4
29 GND
CGND 4
29 GND
PWM1 5
28 VIN
CGND 5
28 VIN
PWM0 6
27 VCC
PWM0 6
27 VCC
FLTB 7
26 CVDD
FLTB 7
26 CVDD
SCL 8
25 VDD
SCL 8
25 VDD
SDA 9
24 NC
SDA 9
24 NC
D0 10
23 D3
D0 10
23 D3
G0 11
22 G3
G0 11
22 G3
S0 12
MSL2041
(TOP VIEW)
21 S3
S0 12
MSL2042
(TOP VIEW)
21 S3
D1 13
20 S2
D1 13
20 S2
G1 14
19 G2
G1 14
19 G2
S1 15
18 D2
S1 15
18 D2
NC 16
17 NC
NC 16
17 NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com