Electronic Components Datasheet Search
  English  ▼

X  

MSL2160 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # MSL2160
Description  16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL2160 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button MSL2160 Datasheet HTML 5Page - ATMEL Corporation MSL2160 Datasheet HTML 6Page - ATMEL Corporation MSL2160 Datasheet HTML 7Page - ATMEL Corporation MSL2160 Datasheet HTML 8Page - ATMEL Corporation MSL2160 Datasheet HTML 9Page - ATMEL Corporation MSL2160 Datasheet HTML 10Page - ATMEL Corporation MSL2160 Datasheet HTML 11Page - ATMEL Corporation MSL2160 Datasheet HTML 12Page - ATMEL Corporation MSL2160 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
Atmel LED Drivers-MSL2160/MSL2161
PIN
PIN NAME
PIN DESCRIPTION
MSL2161
MSL2160
11
D7
D7
Drain sense input 7
Drain sense input for external MOSFET 7.
Connect D7 through a 10MΩ resistor to the drain of the external MOSFET driving LED string 7.
If unused, connect D7 to ground.
12
NC
MISO
MSL2161: No connect
Make no connection to NC.
MSL2160: Master input slave output
MISO is the SPI serial data output.
13
SDA
MOSI
MSL2161: I²C serial data I/O
SDA is the data I/O for the I²C serial interface.
MSL2160: Master output slave input
MOSI is the SPI serial data input.
14
SCL
SCK
MSL2161: I²C serial clock input
SCL is the clock input for the I²C serial interface.
MSL2160: SPI serial shift clock
SCK is the clock input for the SPI bus.
15
GND
CSB
MSL2161: Ground
Connect GND to system ground and to EP with short, wide traces.
MSL2160: Chip select bar
CSB is the chip select input for SPI transactions. CSB is active low.
16
FLTB
FLTB
Fault indication output (active low)
Open drain output FLTB sinks current to GND whenever a fault is detected and verified.
FLTB remains low until the fault registers are read, and reasserts if the fault persists.
17
ADDR
ADDR
Slave ID selection inputs
Connect ADDR to GND through a resistor to set the device address for the serial interface.
18
FBO3
FBO3
Efficiency Optimizer output 3
Connect FBO3 to the third power supply’s feedback node.
Connect FBO3 to GND if unused.
19
FBO2
FBO2
Efficiency Optimizer output 2
Connect FBO2 to the second power supply’s feedback node. Connect FBO2 to GND if unused.
20
FBO1
FBO1
Efficiency Optimizer output 1
Connect FBO1 to the first power supply’s feedback node. Connect FBO1 to GND if unused.
21
S8
S8
Source sense input 8
Source sense input for external MOSFET 8.
Connect S8 to the source of the external MOSFET and to the current sense resistor for LED string 8.
The full-scale LED current threshold is reached when 500mV is across the current sense resistor.
If unused, connect S8 to ground.
22
G8
G8
Gate output 8
Gate drive output for external MOSFET 8.
Connect G8 to the gate of the external MOSFET driving LED string 8.
If unused, leave G8 unconnected.
23
D8
D8
Drain sense input 8
Drain sense input for external MOSFET 8.
Connect D8 through a 10MΩ resistor to the drain of the external MOSFET driving LED string 8.
If unused, connect D8 to ground.
Atmel LED Drivers-MSL2160/MSL2161
16-string, White and RGB LED Drivers with Adaptive Configuration,
EEPROM, and SPI/I2C/SMBus Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com