Electronic Components Datasheet Search
  English  ▼

X  

MSL2160 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # MSL2160
Description  16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL2160 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button MSL2160 Datasheet HTML 10Page - ATMEL Corporation MSL2160 Datasheet HTML 11Page - ATMEL Corporation MSL2160 Datasheet HTML 12Page - ATMEL Corporation MSL2160 Datasheet HTML 13Page - ATMEL Corporation MSL2160 Datasheet HTML 14Page - ATMEL Corporation MSL2160 Datasheet HTML 15Page - ATMEL Corporation MSL2160 Datasheet HTML 16Page - ATMEL Corporation MSL2160 Datasheet HTML 17Page - ATMEL Corporation MSL2160 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
Atmel LED Drivers-MSL2160/MSL2161
Absolute Maximum Ratings
Voltage (With Respect to GND)
VIN, EN, D0 - D15............................................................................................................................................................ -0.3V to +16V
G0 - G15.............................................................................................................................................................. -0.3V to (VIN + 0.3V)
VDD ............................................................................................................................................................................................-0.3V to +2.75V
ADDR, S0 - S15............................................................................................................................................-0.3V to (VDD + 0.3V)
FLTB, SDA, SCL, SCK .....................................................................................................................................................-0.3V to +5.5V
FBO1, FBO2, FBO3, PHI, GSC, PWM, MOSI, MISO, CSB.........................................-0.3V to (VCC + 0.3V)
VCC .....................................................................................................................................................................................................-0.3V to +6V
EP.....................................................................................................................................................................................................-0.3V to +0.3V
Current (Into Pin)
VIN ................................................................................................................................................................................................................... 500mA
FBO1, FBO2, FBO3....................................................................................................................................................+0µA to -800µA
G0 - G15.................................................................................................................................................................................................±100mA
All other pins.............................................................................................................................................................................................±20mA
Continuous Power Dissipation
64-Pin 9mm x 9mm QFN (derate 38mW/°C above T
A = +70°C) ................................................. 2100mW
Ambient Operating Temperature Range T
A = TMIN to TMAX .......................................... -40°C to +105°C
Junction Temperature ............................................................................................................................................................... +125°C
Storage Temperature Range........................................................................................................................ -65°C to +125°C
Lead Soldering Temperature, 10s..................................................................................................................................+300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com