Electronic Components Datasheet Search
  English  ▼

X  

MSL2160 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # MSL2160
Description  16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL2160 Datasheet(HTML) 4 Page - ATMEL Corporation

  MSL2160 Datasheet HTML 1Page - ATMEL Corporation MSL2160 Datasheet HTML 2Page - ATMEL Corporation MSL2160 Datasheet HTML 3Page - ATMEL Corporation MSL2160 Datasheet HTML 4Page - ATMEL Corporation MSL2160 Datasheet HTML 5Page - ATMEL Corporation MSL2160 Datasheet HTML 6Page - ATMEL Corporation MSL2160 Datasheet HTML 7Page - ATMEL Corporation MSL2160 Datasheet HTML 8Page - ATMEL Corporation MSL2160 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
Atmel LED Drivers-MSL2160/MSL2161
Atmel LED Drivers-MSL2160/61
Overview
The MSL2160/1 LED string controllers drive, monitor,
and dim multiple LEDs at high efficiency for LCD
backlighting and signage applications. This section
summarizes the capabilities of the MSL2160/1 for
quick evaluation.
How Many LEDs and Drivers?
The MSL2160/1 controls 16 strings of series-
connected LEDs at up to 350mA per string. Up to eight
MSL2160/1s share a serial interface. The maximum
number of LEDs per string is determined by the
maximum power supply voltage, the LED forward
voltage drop (V
F), and the gate drive outputs of the
MSL2160/1. The MSL2160/1 FET gate drive outputs
are optimized for FETs requiring up to 10nC of charge.
LEDs, String Power Supplies
and Efficiency Optimizers (EOs)
The MSL2160/1 Efficiency Optimizer (EO) circuits
dynamically adjust up to three LED string power
supplies to the minimum voltage necessary to
accurately drive the LED strings while assuring accurate
current flow. The power supplies can use any topology,
and are typically DC-DC boost or buck, or AC-DC off-line
switcher supplies.
The MSL2160/1 allows RGB LEDs to be driven by three
separate string supplies, and feature three independent
EO outputs to maximize the efficiency for each supply.
Although not required, it is wise to use this capability
even for single-color systems, such as white backlighting
LEDs in an LCD monitor or TV application.
Timing, PWM, Intensity Controls
and Synchronization
For video applications, the PWM LED drive signals
synchronize to the LCD’s video frame timing via the
PHI input, and to the LCD’s pixel timing via the GSC
input. This synchronization eliminates beating artifacts.
Suitability for LED backlight architectures is shown in
Table 1. Area LED dimming for direct backlighting is
supported for contrast and color gamut improvement.
Motion blur is reduced by setting each LED string’s
PWM phasing individually to synchronize PWM off times
with the LCD timing.
The MSL2160/1 also includes easily controlled internal
PWM timing generation for stand alone (non-video)
LED lighting applications that do not provide external
timing sources. One MSL2160/1 simply generates
PWM timing for itself and for the other devices in a
multiple-device application. Optionally, a single external
PWM signal applied to the PWM input controls all of
the strings’ on times, with automatic progressive phase
delay available through a single control bit.
BACKLIGHT TYPE
MOTION BLUR REMOVAL
AREA DIMMING MANAGEMENT
STRING SUPPLY
OPTIONS
White LED - bottom edge-lit
No
No
Up to three efficiency
optimized power supplies
White LED - top/bottom edge-lit No
No
White LED - four sides edge-lit
No
No
White LED - direct back-lit
Yes, LED string phasing
Higher contrast ratio (area dimming)
RGB LED - direct back-lit
Yes, LED string phasing
Higher contrast ratio and color gamut Three efficiency optimized
power supplies
Table 1. LED Common Backlight Drive Architectures and Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com