Electronic Components Datasheet Search
  English  ▼

X  

MSL2160 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # MSL2160
Description  16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL2160 Datasheet(HTML) 5 Page - ATMEL Corporation

  MSL2160 Datasheet HTML 1Page - ATMEL Corporation MSL2160 Datasheet HTML 2Page - ATMEL Corporation MSL2160 Datasheet HTML 3Page - ATMEL Corporation MSL2160 Datasheet HTML 4Page - ATMEL Corporation MSL2160 Datasheet HTML 5Page - ATMEL Corporation MSL2160 Datasheet HTML 6Page - ATMEL Corporation MSL2160 Datasheet HTML 7Page - ATMEL Corporation MSL2160 Datasheet HTML 8Page - ATMEL Corporation MSL2160 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
Atmel LED Drivers-MSL2160/MSL2161
Table 2. Timing and LED Intensity Control Capability
LED INTENSITY CONTROL
RESOLUTION
Global LED string current adjust
8-bits DAC reduces string current globally from maximum set by global resistor
Global LED string PWM
8-bit global PWM control
Individual LED string PWM
12-bit PWM individual string control
Total LED string PWM control
12-bit LED string PWMs, computed from global and individual PWM settings
Figure 1. Atmel LED Driver-MSL2161 Pin-out, 64-pin TQFN.
Package Pin-out
Figure 2. Atmel LED Driver-MSL2160 Pin-out, 64-pin TQFN.
G4
1
48
PWM
D4
2
47
GSC
S5
3
46
PHI
G5
4
45
VCC
D5
5
44
D15
S6
6
43
G15
G6
7
42
S15
D6
8
41
D14
S7
9
40
G15
G7
10
39
S14
D7
11
38
D13
NC
12
37
G13
SDA
13
36
S13
SCL
14
35
D12
GND
15
34
G12
FLTB
16
MSL2161
33
S12
G4
1
48
PWM
D4
2
47
GSC
S5
3
46
PHI
G5
4
45
VCC
D5
5
44
D15
S6
6
43
G15
G6
7
42
S15
D6
8
41
D14
S7
9
40
G15
G7
10
39
S14
D7
11
38
D13
MISO
12
37
G13
MOSI
13
36
S13
SCK
14
35
D12
CSB
15
34
G12
FLTB
16
MSL2160
33
S12
Atmel LED Drivers-MSL2160/MSL2161
16-string, White and RGB LED Drivers with Adaptive Configuration,
EEPROM, and SPI/I2C/SMBus Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com