Electronic Components Datasheet Search
  English  ▼

X  

ADM3053 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM3053
Description  Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3053 Datasheet(HTML) 4 Page - Analog Devices

  ADM3053 Datasheet HTML 1Page - Analog Devices ADM3053 Datasheet HTML 2Page - Analog Devices ADM3053 Datasheet HTML 3Page - Analog Devices ADM3053 Datasheet HTML 4Page - Analog Devices ADM3053 Datasheet HTML 5Page - Analog Devices ADM3053 Datasheet HTML 6Page - Analog Devices ADM3053 Datasheet HTML 7Page - Analog Devices ADM3053 Datasheet HTML 8Page - Analog Devices ADM3053 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADM3053
Rev. 0 | Page 4 of 20
TIMING SPECIFICATIONS
All voltages are relative to their respective ground; 3.0 V ≤ VIO ≤ 5.5 V; 4.5 V ≤ VCC ≤ 5.5 V. TA = −40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DRIVER
Maximum Data Rate
1
Mbps
Propagation Delay from TxD On to Bus Active
tonTxD
90
ns
RS = 0 Ω; see Figure 2 and Figure 24
RL = 60 Ω, CL = 100 pF
Propagation Delay from TxD Off to Bus Inactive
toffTxD
120
ns
RS = 0 Ω; see Figure 2 and Figure 24
RL = 60 Ω, CL = 100 pF
RECEIVER
Propagation Delay from TxD On to Receiver Active
tonRxD
200
ns
RS = 0 Ω; see Figure 2
630
ns
RS = 47 kΩ; see Figure 2
Propagation Delay from TxD Off to Receiver Inactive1
toffRxD
250
ns
RS = 0 Ω; see Figure 2
480
ns
RS = 47 kΩ; see Figure 2
CANH, CANL SLEW RATE
|SR|
7
V/µs
RS = 47 kΩ
1
Guaranteed by design and characterization.
SWITCHING CHARACTERISTICS
0.25VIO
0.9V
VOR
VOD
0V
0V
VIO
0.5V
0.4V
VDIFF
VRxD
VIO
VTxD
VIO – 0.3V
0.7VIO
VDIFF = VCANH – VCANL
tonTxD
toffTxD
tonRxD
toffRxD
Figure 2. Driver Propagation Delay, Rise/Fall Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com